Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1010A-1CQ256B Datasheet(PDF) 10 Page - Actel Corporation

Part # A1010A-1CQ256B
Description  HiRel FPGAs
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1010A-1CQ256B Datasheet(HTML) 10 Page - Actel Corporation

Back Button A1010A-1CQ256B Datasheet HTML 6Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 7Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 8Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 9Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 10Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 11Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 12Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 13Page - Actel Corporation A1010A-1CQ256B Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
10
Ab s o l u t e Ma x i mu m R a t i n g s 1
Free air temperature range
Notes:
1.
Stresses beyond those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may
affect device reliability. Devices should not be operated outside
the recommended operating conditions.
2.
VPP = VCC , except during device programming.
3.
VSV = VCC , except during device programming.
4.
VKS = GND , except during device programming.
5.
Device inputs are normally high impedance and draw extremely
low current. However, when input voltage is greater than VCC +
0.5V or less than GND – 0.5V, the internal protection diode will be
forward biased and can draw excessive current.
Re com m e nde d Op er at i n g Co ndi t i on s
Notes:
1.
Ambient temperature (TA) is used for commercial and
industrial; case temperature (TC) is used for military.
2.
All power supplies must be in the recommended operating range.
For more information, refer to the Power-Up Design Considerations
application note at http://www.actel.com/appnotes.
E l e c tric a l S p e c ific a t io n s
Notes:
1.
Actel devices can drive and receive either CMOS or TTL signal levels. No assignment of I/Os as TTL or CMOS is required.
2.
Tested one output at a time, VCC = min.
3.
Not tested; for information only.
4.
VOUT = 0V, f = 1 MHz
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage2, 3, 4
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCC +0.5
V
VO
Output Voltage
–0.5 to VCC +0.5
V
IIO
I/O Source Sink
Current5
±20
mA
TSTG
Storage Temperature
–65 to +150
°C
Parameter
Commercial
Military
Units
Temperature
Range1
0 to +70
–55 to +125
°C
Power Supply
Tolerance2
±5
±10
%VCC
Symbol
Parameter
Test Condition
Commercial
Military
Units
Min.
Max.
Min.
Max.
VOH
1, 2
HIGH Level Output
IOH = –4 mA (CMOS)
3.7
V
IOH = –6 mA (CMOS)
3.84
V
VOL
1, 2
LOW Level Output
IOL = +6 mA (CMOS)
0.33
0.4
V
VIH
HIGH Level Input
TTL Inputs
2.0
VCC + 0.3
2.0
VCC + 0.3
V
VIL
LOW Level Input
TTL Inputs
–0.3
0.8
–0.3
0.8
V
IIN
Input Leakage
VI = VCC or GND
–10
+10
–10
+10
µA
IOZ
3-state Output Leakage
VO = VCC or GND
–10
+10
–10
+10
µA
CIO
I/O Capacitance3, 4
10
10
pF
ICC(S)
Standby VCC Supply Current VI = VCC or GND, IO = 0 mA
ACT 1
3
20
mA
ACT 2/3/1200XL/3200DX
2
20
mA
ICC(D)
Dynamic VCC Supply Current
See the “Power Dissipation” section on page 11.


Similar Part No. - A1010A-1CQ256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010 ACTEL-A1010 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A1010 ACTEL-A1010 Datasheet
172Kb / 24P
   5V and 3.3V Families fully compatible with JEDEC specifications
logo
List of Unclassifed Man...
A101024006 ETC2-A101024006 Datasheet
72Kb / 3P
   Timers Delay on Operate
A101024060 ETC2-A101024060 Datasheet
72Kb / 3P
   Timers Delay on Operate
A101024600 ETC2-A101024600 Datasheet
72Kb / 3P
   Timers Delay on Operate
More results

Similar Description - A1010A-1CQ256B

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com