Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4356IMS-1-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LT4356IMS-1-TRPBF
Description  Overvoltage Protection Regulator and Inrush Limiter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4356IMS-1-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LT4356IMS-1-TRPBF Datasheet HTML 1Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 2Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 3Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 4Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 5Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 6Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 7Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 8Page - Linear Technology LT4356IMS-1-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT4356-1
4
43561fd
TYPICAL PERFORMANCE CHARACTERISTICS
ICC (Shutdown) vs VCC
ICC vs VCC
Reverse Current vs Reverse
Voltage
SHDN Current vs Temperature
GATE Pull-Up Current vs VCC
GATE Pull-Up Current
vs Temperature
GATE Pull-Down Current
vs Temperature
GATE Pull-Down Current
vs Temperature
Specifications are at VCC = 12V, TA = 25°C
unless otherwise noted.
VCC (V)
0
0
10
20
30
40
20
40
60
80
43561 G01
50
60
10
30
50
70
VCC (V)
0
0
200
400
600
20
40
60
80
43561 G02
800
1000
10
30
50
70
VCC (V)
0
–10
–15
–80
43561 G03
–5
0
–20
–40
–60
–20
VCC = SNS
TEMPERATURE (°C)
–50
0
1
2
3
0
50
100
125
43561 G04
4
6
5
–25
25
75
VSHDN = 0V
VCC (V)
0
0
10
20
30
5
15
25
35
20
40
60
80
43561 G05
40
10
30
50
70
TEMPERATURE (°C)
–50
0
5
10
15
20
0
50
100
125
43561 G06
25
35
30
–25
25
75
VGATE = VOUT = 12V
TEMPERATURE (°C)
–50
100
120
140
160
0
50
100
125
43561 G07
180
220
200
–25
25
75
OVERVOLTAGE CONDITION
VFB = 1.5V
TEMPERATURE (°C)
–50
0
2
4
6
0
50
100
125
43561 G08
8
12
10
–25
25
75
OVERCURRENT CONDITION
ΔVSNS = 120mV
ICC (Shutdown) vs Temperature
TEMPERATURE (°C)
–50
0
5
10
15
20
0
50
100
125
43561 G19
25
35
30
–25
25
75


Similar Part No. - LT4356IMS-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT4356IMS-1 LINEAR-LT4356IMS-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356IMS-1 AD-LT4356IMS-1 Datasheet
476Kb / 26P
   Surge Stopper
LT4356IMS-1#PBF AD-LT4356IMS-1#PBF Datasheet
476Kb / 26P
   Surge Stopper
More results

Similar Description - LT4356IMS-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6496EVKIT MAXIM-MAX6496EVKIT Datasheet
96Kb / 4P
   Selectable Overvoltage Mode and Overvoltage-Limiter Mode
Rev 0; 9/07
MAX6495EVKIT MAXIM-MAX6495EVKIT Datasheet
195Kb / 7P
   Selectable Overvoltage Mode and Overvoltage Limiter Mode
Rev 2; 12/06
logo
Freescale Semiconductor...
CL-21 FREESCALE-CL-21 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
MHIC-48100A ETC1-MHIC-48100A Datasheet
197Kb / 1P
   Inrush Current Limiter HIC
logo
STMicroelectronics
STIL STMICROELECTRONICS-STIL Datasheet
155Kb / 11P
   AC INRUSH CURRENT LIMITER
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-11 ETC-CL-11 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
logo
STMicroelectronics
STIL02-P5 STMICROELECTRONICS-STIL02-P5 Datasheet
60Kb / 7P
   AC inrush current limiter
STIL04-P5 STMICROELECTRONICS-STIL04-P5 Datasheet
61Kb / 7P
   AC inrush current limiter
logo
Amphenol Corporation
AAS-920-325D AMPHENOL-AAS-920-325D Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com