Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5520EUF Datasheet(PDF) 7 Page - Linear Technology

Part # LT5520EUF
Description  1.3GHz to 2.3GHz High Linearity Upconverting Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5520EUF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5520EUF Datasheet HTML 3Page - Linear Technology LT5520EUF Datasheet HTML 4Page - Linear Technology LT5520EUF Datasheet HTML 5Page - Linear Technology LT5520EUF Datasheet HTML 6Page - Linear Technology LT5520EUF Datasheet HTML 7Page - Linear Technology LT5520EUF Datasheet HTML 8Page - Linear Technology LT5520EUF Datasheet HTML 9Page - Linear Technology LT5520EUF Datasheet HTML 10Page - Linear Technology LT5520EUF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT5520
7
5520f
Table 1 lists the differential IF input impedance and reflec-
tion coefficient for several frequencies. A 4:1 balun can be
used to transform the impedance up to about 50
Ω.
Table 1. IF Input Differential Impedance
Frequency
Differential Input
Differential S11
(MHz)
Impedance
Mag
Angle
10
10.1 + j0.117
0.663
180
44
10.1 + j0.476
0.663
179
70
10.1 + j0.751
0.663
178
140
10.2 + j1.47
0.663
177
170
10.2 + j1.78
0.663
176
240
10.2 + j2.53
0.663
174
360
10.2 + j3.81
0.663
171
500
10.2 + j5.31
0.663
167
LO Input Port
The simplified circuit for the LO buffer input is shown in
Figure 4. The LO buffer amplifier consists of high-speed
limiting differential amplifiers, optimized to drive the mixer
quad for high linearity. The LO+ and LOports can be
driven differentially; however, they are intended to be
driven by a single-ended source. An internal resistor
connected across the LO+ and LOinputs provides a
broadband 50
Ω impedance match. Because of the resis-
tive match, a DC voltage at the LO input is not recom-
mended. If the LO signal source output is not AC coupled,
then a DC blocking capacitor should be used at the LO
input.
Figure 3. IF Input with External Matching
C1
C2
C3
IFIN
50
T1
4:1
2
3
100
0.1%
100
0.1%
VCC
18mA
18mA
5520 F03
LT5520
LOIN
50
14
15
VCC
5520 F04
85
LO
LO+
5pF
5pF
220
220
LT5520
Figure 4. LO Input Circuit
Though the LO input is internally 50
Ω matched, there may
be some cases, particularly at higher frequencies or with
different source impedances, where a further optimized
match is desired. Table 2 includes the single -ended input
impedance and reflection coefficient vs frequency for the
LO input for use in such cases.
Table 2. Single-Ended LO Input Impedance
Frequency
Input
S11
(MHz)
Impedance
Mag
Angle
1300
62.8 – j9.14
0.139
–30.9
1500
62.2 – j11.4
0.148
–37.1
1700
61.5 – j13.4
0.157
– 42.4
1900
60.0 – j15.2
0.164
– 48.9
2100
58.4 – j16.9
0.172
–54.7
2300
56.5 – j17.9
0.176
–60.4
2500
54.9 – j18.8
0.182
–65.1
2700
53.7 – j18.8
0.182
–68.5
RF Output Port
An internal RF transformer, shown in Figure 5, reduces the
mixer-core impedance to provide an impedance of 50
across the RF+ and RFpins. The LT5520 is designed and
tested with the outputs configured for single-ended opera-
tion, as shown in the Figure 5; however, the outputs can be
used differentially as well. A center-tap in the transformer
provides the DC connection to the mixer core and the
transformer provides DC isolation at the RF output. The
RF+ and RFpins are connected together through the
secondary windings of the transformer, thus a DC voltage
should not be applied across these pins.
APPLICATIO S I FOR ATIO


Similar Part No. - LT5520EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5520 LINER-LT5520 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5520 LINER-LT5520 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5520EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LTC5541 LINER-LTC5541_09 Datasheet
249Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541 Datasheet
65Kb / 2P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5541 LINER-LTC5541_15 Datasheet
253Kb / 16P
   1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
   Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
247Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com