Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1280A-1PQ176B Datasheet(PDF) 4 Page - Actel Corporation

Part # A1280A-1PQ176B
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1280A-1PQ176B Datasheet(HTML) 4 Page - Actel Corporation

  A1280A-1PQ176B Datasheet HTML 1Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 2Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 3Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 4Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 5Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 6Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 7Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 8Page - Actel Corporation A1280A-1PQ176B Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ACT 2 Fam i l y FP G A s
4v4.0
Op er at i n g Co ndi t i o n s
Abs o l u t e M axi m u m Ra ti ngs 1
Free air temperature range
E l ect r i ca l Sp eci fi cat i ons
R ecom m e n ded Oper at i n g C ondi ti ons
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
Input Voltage
–0.5 to VCC +0.5
V
VO
Output Voltage
–0.5 to VCC +0.5
V
IIO
I/O Source/Sink
Current2
±20
mA
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1.
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended
periods may affect device reliability. Device should not be
operated outside the Recommended Operating Conditions.
2.
Device inputs are normally high impedance and draw
extremely low current. However, when input voltage is greater
than VCC + 0.5 V or less than GND – 0.5 V, the internal
protection diode will be forward biased and can draw excessive
current.
Parameter
Commercia
l
Industria
l
Military
Units
Temperature
Range1
0 to +70
–40 to
+85
–55 to
+125
°C
Power
Supply
Tolerance
±5
±10
±10
%VCC
Note:
1.
Ambient temperature (TA) is used for commercial and
industrial; case temperature (TC) is used for military.
Symbol
Parameter
Commercial
Industrial
Military
Units
Min.
Max.
Min.
Max.
Min.
Max.
VOH
1
(IOH = –10 mA)
2
2.4
V
(IOH = –6 mA)
3.84
V
(IOH = –4 mA)
3.7
3.7
V
VOL
1
(IOL = 10 mA)
2
0.5
V
(IOL = 6 mA)
0.33
0.40
0.40
V
VIL
–0.3
0.8
–0.3
0.8
–0.3
0.8
V
VIH
2.0
VCC + 0.3
2.0
VCC + 0.3
2.0
VCC + 0.3
V
Input Transition Time tR, tF
2
500
500
500
ns
CIO I/O Capacitance
2, 3
10
10
10
pF
Standby Current, ICC
4 (typical = 1 mA)
2
10
20
mA
Leakage Current5
–10
10
–10
10
–10
10
µA
Notes:
1.
Only one output tested at a time. VCC = min.
2.
Not tested, for information only.
3.
Includes worst-case 176 CPGA package capacitance. VOUT = 0 V, f = 1 MHz.
4.
All outputs unloaded. All inputs = VCC or GND, typical ICC = 1 mA. ICC limit includes IPP and ISV during normal operation.
5.
VOUT , VIN = VCC or GND.


Similar Part No. - A1280A-1PQ176B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1280A-1PQ176B MICROSEMI-A1280A-1PQ176B Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1280A-1PQ176B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com