Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5522EUF Datasheet(PDF) 10 Page - Linear Technology

Part # LT5522EUF
Description  400MHz to 2.7GHz High Signal Level Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5522EUF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT5522EUF Datasheet HTML 6Page - Linear Technology LT5522EUF Datasheet HTML 7Page - Linear Technology LT5522EUF Datasheet HTML 8Page - Linear Technology LT5522EUF Datasheet HTML 9Page - Linear Technology LT5522EUF Datasheet HTML 10Page - Linear Technology LT5522EUF Datasheet HTML 11Page - Linear Technology LT5522EUF Datasheet HTML 12Page - Linear Technology LT5522EUF Datasheet HTML 13Page - Linear Technology LT5522EUF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT5522
10
5522fa
RF FREQUENCY(GHz)
0.2
0
–5
–10
–15
–20
–25
–30
1.7
2.7
5522 F05
0.7
1.2
2.2
3.2
3.7
NO EXTERNAL
MATCH
C5 = 2.2pF
(900MHz)
L3 = 3.9nH
(HIGH BAND)
C5 = 8.2pF
L = 5mm
(450MHz)
APPLICATIO S I FOR ATIO
Introduction
The LT5522 consists of a high linearity double-balanced
mixer, RF buffer amplifier, high speed limiting LO buffer
amplifier and bias/enable circuits. The IC has been opti-
mized for downconverter applications where the RF input
signal is in the 400MHz to 2.7GHz range and the LO signal
is in the 400MHz to 2.7GHz range. Operation over a wider
RF input frequency range is possible with reduced
performance.
The IF output can be matched for IF frequencies as low as
100kHz or as high as 1GHz. The RF, LO and IF ports are all
differential, although the RF and LO ports are internally
matched for single-ended drive as shown in Figure 2. The
LT5522 is characterized and production-tested with single-
ended RF and LO drive. Low side or high side LO injection
can be used.
Two evaluation boards are available. The standard board
is intended for most applications, including cellular, PCS,
UMTS and 2.4GHz. A schematic is shown in Figure 2 and
the board layout is shown in Figure 18. The 140MHz IF
output frequency on the standard board is easily changed
by modifying the IF matching elements. The second board,
intended for CATV applications, incorporates a wideband
IF output balun. The CATV evaluation schematic is shown
in Figure 3 and the board layout is shown in Figure 19.
RF Input Port
The mixer’s RF input, shown in Figure 4, consists of an
integrated balun and a high linearity differential amplifier.
The primary terminals of the balun are connected to the
RF+ and RFpins (Pins 2 and 3, respectively). The second-
ary side of the balun is internally connected to the amplifier’s
differential inputs. For single-ended operation, the RF+ pin
is grounded and the RFpin becomes the RF input. It is
also possible to ground the RFpin and drive the RF+ pin,
although the LO to RF isolation will degrade slightly.
The RF source must be AC-coupled since one terminal of
the balun’s primary is grounded. If the RF source has DC
voltage present, then a coupling capacitor must be used in
series with the RF input pin.
As shown in Figure 5, the RF input return loss, with no
external matching, is greater than 10dB from 1.2GHz to
2.4GHz. The RF input match can be shifted down in
frequency by adding a shunt capacitor at the RF input. Two
examples are plotted in Figure 5. A 2.2pF capacitor,
located near Pin 3, produces a 900MHz match. An 8.2pF
capacitor, located 5mm away from Pin 3 (on the 50
Ω line),
produces a 450MHz match. The RF input match can also
be shifted up in frequency by adding a shunt inductor near
Pin 3. One example is plotted in Figure 5, where a 3.9nH
inductor produces a 2.3GHz to 2.8GHz match.
2
RF+
LT5522
3
RF
RF IN
C5
OPTIONAL SHUNT
REACTANCE
FOR LOW BAND
OR HIGH BAND
MATCHING (C5 OR L3)
TO
MIXER
5522 F04
Figure 4. RF Input Schematic
Figure 5. RF Input Return Loss


Similar Part No. - LT5522EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5522 LINER-LT5522 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT5522 LINER-LT5522 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
More results

Similar Description - LT5522EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527 LINER-LT5527 Datasheet
197Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5557 LINER-LT5557 Datasheet
236Kb / 16P
   400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5592 LINER-LTC5592 Datasheet
362Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5592 LINER-LTC5592_15 Datasheet
414Kb / 20P
   Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com