Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX08P-3FG208PP Datasheet(PDF) 6 Page - Actel Corporation

Part # A54SX08P-3FG208PP
Description  SX Family FPGAs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX08P-3FG208PP Datasheet(HTML) 6 Page - Actel Corporation

Back Button A54SX08P-3FG208PP Datasheet HTML 2Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 3Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 4Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 5Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 6Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 7Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 8Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 9Page - Actel Corporation A54SX08P-3FG208PP Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
SX Family FPGAs
1- 2
v3.2
The R-cell contains a flip-flop featuring asynchronous
clear, asynchronous preset, and clock enable (using the
S0 and S1 lines) control signals (Figure 1-2). The R-cell
registers feature programmable clock polarity selectable
on a register-by-register basis. This provides additional
flexibility
while
allowing
mapping
of
synthesized
functions into the SX FPGA. The clock source for the
R-cell can be chosen from either the hardwired clock or
the routed clock.
The C-cell implements a range of combinatorial functions
up to 5-inputs (Figure 1-3 on page 1-3). Inclusion of the
DB input and its associated inverter function dramatically
increases the number of combinatorial functions that can
be implemented in a single module from 800 options in
previous architectures to more than 4,000 in the SX
architecture. An example of the improved flexibility
enabled by the inversion capability is the ability to
integrate a 3-input exclusive-OR function into a single
C-cell. This facilitates construction of 9-bit parity-tree
functions with 2 ns propagation delays. At the same
time, the C-cell structure is extremely synthesis friendly,
simplifying the overall design and reducing synthesis
time.
Figure 1-1 •
SX Family Interconnect Elements
Figure 1-2 •
R-Cell
Silicon Substrate
Tungsten Plug
Contact
Metal 1
Metal 2
Metal 3
Routing Tracks
Amorphous Silicon/
Dielectric Antifuse
Tungsten Plug Via
Tungsten Plug Via
Direct
Connect
Input
CLKA, CLKB,
Internal Logic
HCLK
CKS
CKP
CLRB
PSETB
Y
DQ
Routed Data Input
S0
S1


Similar Part No. - A54SX08P-3FG208PP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX08P-3FG208PP ETC1-A54SX08P-3FG208PP Datasheet
415Kb / 57P
   54SX Family FPGAs
More results

Similar Description - A54SX08P-3FG208PP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com