Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A14V15AA-1BG208I Datasheet(PDF) 8 Page - Actel Corporation

Part # A14V15AA-1BG208I
Description  Accelerator Series FPGAs - ACT 3Family
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A14V15AA-1BG208I Datasheet(HTML) 8 Page - Actel Corporation

Back Button A14V15AA-1BG208I Datasheet HTML 4Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 5Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 6Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 7Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 8Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 9Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 10Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 11Page - Actel Corporation A14V15AA-1BG208I Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
1-182
The S-module contains a full implementation of the C-module
plus a clearable sequential element that can either
implement a latch or flip-flop function. The S-module can
therefore implement any function implemented by the
C-module. This allows complex combinatorial-sequential
functions to be implemented with no delay penalty. The
Designer Series Development System will automatically
combine any C-module macro driving an S-module macro into
the S-module, thereby freeing up a logic module and
eliminating a module delay.
The clear input CLR is accessible from the routing channel.
In addition, the clock input may be connected to one of three
clock networks: CLKA, CLKB, or HCLK. The C-module and
S-module functional descriptions are shown in Figures 2
and 3. The clock selection is determined by a multiplexor
select at the clock input to the S-module.
I/Os
I/O Modules
I/O modules provide an interface between the array and the
I/O Pad Drivers. I/O modules are located in the array and
access the routing channels in a similar fashion to logic
modules. The I/O module schematic is shown in Figure 4. The
signals DataIn and DataOut connect to the I/O pad driver.
Each I/O module contains two D-type flip-flops. Each flip-flop
is connected to the dedicated I/O clock (IOCLK). Each
flip-flop can be bypassed by nonsequential I/Os. In addition,
each flip-flop contains a data enable input that can be
accessed from the routing channels (ODE and IDE). The
asynchronous preset/clear input is driven by the dedicated
preset/clear network (IOPCL). Either preset or clear can be
selected individually on an I/O module by I/O module basis.
The I/O module output Y is used to bring Pad signals into the
array or to feed the output register back into the array. This
allows the output register to be used in high-speed state
machine applications. Side I/O modules have a dedicated
output segment for Y extending into the routing channels
above and below (similar to logic modules). Top/Bottom I/O
modules have no dedicated output segment. Signals coming
into the chip from the top or bottom are routed using F-fuses
and LVTs (F-fuses and LVTs are explained in detail in the
routing section).
Figure 2 • C-Module Diagram
D11
D01
D00
D10
A1 B1
A0 B0
Y
OUT
S1
S0
Figure 3 • S-Module Diagram
CLR
CLK
D11
D01
D00
D10
A1 B1
A0 B0
Y
Q
D
OUT
S0
S1


Similar Part No. - A14V15AA-1BG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A14V15A MICROSEMI-A14V15A Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
More results

Similar Description - A14V15AA-1BG208I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1440A-1VQ100C MICROSEMI-A1440A-1VQ100C Datasheet
4Mb / 90P
   Accelerator Series FPGAs ??ACT 3 Family
logo
Actel Corporation
A1010B-2PL84C ACTEL-A1010B-2PL84C Datasheet
162Kb / 24P
   ACT 1 Series FPGAs
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com