Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5525EUF Datasheet(PDF) 9 Page - Linear Technology

Part # LT5525EUF
Description  High Linearity, Low Power Downconverting Mixer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5525EUF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5525EUF Datasheet HTML 4Page - Linear Technology LT5525EUF Datasheet HTML 5Page - Linear Technology LT5525EUF Datasheet HTML 6Page - Linear Technology LT5525EUF Datasheet HTML 7Page - Linear Technology LT5525EUF Datasheet HTML 8Page - Linear Technology LT5525EUF Datasheet HTML 9Page - Linear Technology LT5525EUF Datasheet HTML 10Page - Linear Technology LT5525EUF Datasheet HTML 11Page - Linear Technology LT5525EUF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT5525
5525f
APPLICATIO S I FOR ATIO
single-ended drive, though differential drive can be used if
desired. The LO input is internally matched to 50Ω. A
simplified schematic for the LO input is shown in Figure 7.
Measured return loss is shown in Figure 8.
If the LO source has a DC voltage present, then a coupling
capacitor should be used in series with the LO input pin
due to the internal resistive match.
The LO port input impedance and reflection coefficient
(S11) versus frequency are shown in Table 2. The listed
data is referenced to the LO+ pin with the LOpin grounded.
Table 2. Single-Ended LO Input Impedance
FREQUENCY
INPUT
REFLECTION COEFFICIENT
(MHz)
IMPEDANCE
MAG
ANGLE
100
93.1 – j121
0.686
–30
250
55.8 – j54
0.457
–57
500
47.7 – j28
0.276
–79
1000
42.3 – j14
0.171
–110
1500
38.5 – j9.3
0.166
–135
2000
35.8 – j7.8
0.187
–146
2500
34.8 – j7.8
0.281
–148
3000
34.2 – j8.7
0.214
–149
IF Output Port
A simplified schematic of the IF output circuit is shown in
Figure 9. The output pins, IF+ and IF, are internally con-
nected to the collectors of the mixer switching transistors.
Both pins must be biased at the supply voltage, which can
be applied through the center-tap of a transformer or
Figure 7. LO Input Schematic
Figure 9. IF Output with External Matching
Figure 8. LO Input Return Loss
Figure 5. Wideband RF Input Matching
Figure 6. RF Input Return Loss Using
Wideband Matching Network
2
RF+
RFIN
L3
1.5nH
C5
4.7pF
LT5525
5525 F05
3
RF
RF FREQUENCY (MHz)
500
–30
–25
–20
–15
–10
–5
0
1000
1500
2000
2500
5525 F06
3000
SERIES 1.5nH
AND 4.7pF
NO EXTERNAL
RF MATCHING
14
LO
480Ω
20pF
20pF
LOIN
50Ω
LT5525
5525 F07
15
LO+
VCC
54Ω
FREQUENCY (MHz)
0
–20
–15
–10
–5
0
500
1000
1500
2000
5525 F08
2500
3000
10
11
575Ω
C3
5525 F09
VCC
L3
IFOUT
T2
4:1
L2
VCC
0.7pF
LT5525
IF
IF+


Similar Part No. - LT5525EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5525 LINER-LT5525 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5525 LINER-LT5525 Datasheet
201Kb / 12P
   High Linearity, Low Power Downconverting Mixer
LT5525 LINER-LT5525_15 Datasheet
201Kb / 12P
   High Linearity, Low Power Downconverting Mixer
More results

Similar Description - LT5525EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5526 LINER-LT5526 Datasheet
224Kb / 16P
   High Linearity, Low Power Downconverting Mixer
LT5526 LINER-LT5526_15 Datasheet
234Kb / 16P
   High Linearity, Low Power Downconverting Mixer
LT5525 LINER-LT5525_15 Datasheet
201Kb / 12P
   High Linearity, Low Power Downconverting Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5543 LINER-LTC5543 Datasheet
56Kb / 1P
   2.3GHz to 4GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com