Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5527EUF-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT5527EUF-TRPBF
Description  400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5527EUF-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT5527EUF-TRPBF Datasheet HTML 1Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 2Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 3Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 4Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 5Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 6Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 7Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 8Page - Linear Technology LT5527EUF-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5527
3
5527fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: 450MHz, 900MHz and 3500MHz performance measured with
external LO and RF matching. See Figure 1 and Applications Information.
AC ELECTRICAL CHARACTERISTICS Test circuit shown in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Return Loss
ZO = 50Ω, 1700MHz to 3000MHz
>10
dB
LO Input Return Loss
ZO = 50Ω, 1200MHz to 3400MHz
>12
dB
IF Output Impedance
Differential at 240MHz
407Ω||2.5pF
R||C
LO Input Power
1200MHz to 3500MHz
380MHz to 1200MHz
–8
–5
–3
0
2
5
dBm
dBm
Note 3: Specifications over the –40°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
Note 4: SSB Noise Figure measurements performed with a small-signal
noise source and bandpass filter on RF input, and no other RF signal
applied.
Standard Downmixer Application: VCC = 5V, EN = High, TA = 25°C, PRF = –5dBm (–5dBm/tone for 2-tone IIP3 tests, Δf = 1MHz), fLO = fRF
– fIF, PLO = –3dBm (0dBm for 450MHz and 900MHz tests), IF output measured at 240MHz, unless otherwise noted. Test circuit shown
in Figure 1. (Notes 2, 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 450MHz, IF = 140MHz, High Side LO
RF = 900MHz, IF = 140MHz
RF = 1700MHz
RF = 1900MHz
RF = 2200MHz
RF = 2650MHz
RF = 3500MHz, IF = 380MHz
2.5
3.4
2.3
2.3
2.0
1.8
0.3
dB
dB
dB
dB
dB
dB
dB
Conversion Gain vs Temperature
TA = –40°C to 85°C, RF = 1900MHz
–0.018
dB/°C
Input 3rd Order Intercept
RF = 450MHz, IF = 140MHz, High Side LO
RF = 900MHz, IF = 140MHz
RF = 1700MHz
RF = 1900MHz
RF = 2200MHz
RF = 2650MHz
RF = 3500MHz, IF = 380MHz
23.2
24.5
24.2
23.5
22.7
20.8
18.2
dBm
dBm
dBm
dBm
dBm
dBm
dBm
Single-Sideband Noise Figure
RF = 450MHz, IF = 140MHz, High Side LO
RF = 900MHz, IF = 140MHz
RF = 1700MHz
RF = 1900MHz
RF = 2200MHz
RF = 2650MHz
RF = 3500MHz, IF = 380MHz
13.3
11.6
12.1
12.5
13.2
13.9
16.1
dB
dB
dB
dB
dB
dB
dB
LO to RF Leakage
fLO = 400MHz to 2100MHz
fLO = 2100MHz to 3200MHz
≤–44
≤–36
dBm
dBm
LO to IF Leakage
fLO = 400MHz to 700MHz
fLO = 700MHz to 3200MHz
≤–40
≤–50
dBm
dBm
RF to LO Isolation
fRF = 400MHz to 2200MHz
fRF = 2200MHz to 3700MHz
>43
>38
dB
dB
RF to IF Isolation
fRF = 400MHz to 800MHz
fRF = 800MHz to 3700MHz
>42
>54
dB
dB
2RF-2LO Output Spurious Product
(fRF = fLO + fIF/2)
900MHz: fRF = 830MHz at –5dBm, fIF = 140MHz
1900MHz: fRF = 1780MHz at –5dBm, fIF = 240MHz
–60
–65
dBc
dBc
3RF-3LO Output Spurious Product
(fRF = fLO + fIF/3)
900MHz: fRF = 806.67MHz at –5dBm, fIF = 140MHz
1900MHz: fRF = 1740MHz at –5dBm, fIF = 240MHz
–73
–63
dBc
dBc
Input 1dB Compression
RF = 450MHz, IF = 140MHz, High Side
LO RF = 900MHz, IF = 140MHz
RF = 1900MHz
9.5
8.9
9.0
dBm
dBm
dBm


Similar Part No. - LT5527EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527EUF LINER-LT5527EUF Datasheet
187Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level
More results

Similar Description - LT5527EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5527 LINER-LT5527_15 Datasheet
208Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level Downconverting Mixer
LT5527EUF LINER-LT5527EUF Datasheet
187Kb / 16P
   400MHz to 3.7GHz 5V High Signal Level
LT5522 LINER-LT5522_15 Datasheet
267Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5522 LINER-LT5522 Datasheet
261Kb / 16P
   400MHz to 2.7GHz High Signal Level Downconverting Mixer
LT5557 LINER-LT5557 Datasheet
236Kb / 16P
   400MHz to 3.8GHz 3.3V High Signal Level Downconverting Mixer
LTC5577 LINER-LTC5577 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
LTC5577 LINER-LTC5577_15 Datasheet
379Kb / 20P
   300MHz to 6GHz High Signal Level Active Downconverting Mixer
logo
Renesas Technology Corp
F1792 RENESAS-F1792_V01 Datasheet
1Mb / 33P
   RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
February 9, 2022
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
   RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
logo
Linear Technology
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com