Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5538IDD-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT5538IDD-PBF
Description  40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5538IDD-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT5538IDD-PBF Datasheet HTML 1Page - Linear Technology LT5538IDD-PBF Datasheet HTML 2Page - Linear Technology LT5538IDD-PBF Datasheet HTML 3Page - Linear Technology LT5538IDD-PBF Datasheet HTML 4Page - Linear Technology LT5538IDD-PBF Datasheet HTML 5Page - Linear Technology LT5538IDD-PBF Datasheet HTML 6Page - Linear Technology LT5538IDD-PBF Datasheet HTML 7Page - Linear Technology LT5538IDD-PBF Datasheet HTML 8Page - Linear Technology LT5538IDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT5538
1
5538f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
40MHz to 3.8GHz
RF Power Detector with
75dB Dynamic Range
The LT®5538 is a 40MHz to 3800MHz monolithic logarith-
mic RF power detector, capable of measuring RF signals
over a wide dynamic range, from –75dBm to 10dBm. The
RF signal in an equivalent decibel-scaled value is precisely
converted into DC voltage on a linear scale. The wide linear
dynamic range is achieved by measuring the RF signal us-
ing cascaded RF limiters and RF detectors. Their outputs
are summed to generate an accurate linear DC voltage
proportional to the input RF signal in dBm. The LT5538
delivers superior temperature stable output (within ±1dB
over full temperature range) from 40MHz to 3.8GHz. The
output is buffered with a low impedance driver.
40MHz - 3.8GHz Logarithmic RF Detector
Frequency Range: 40MHz to 3.8GHz
75dB Log Linear Dynamic Range
Exceptional Accuracy over Temperature
Linear DC Output vs. Input Power in dBm
–72dBm Detection Sensitivity
Single-ended RF Input
Low Supply Current: 29mA
Supply Voltage: 3V to 5.25V
8-lead DFN 3mm × 3mm package
Received Signal Strength Indication (RSSI)
RF Power Measurement and Control
RF/IF Power Detection
Receiver RF/IF Gain Control
Envelope Detection
ASK Receiver
Output Voltage and Linearity Error
vs Input Power
IN
ENBL
EN
VOUT
5V
100pF
0.1μF
IN+
GND
CAP
OUT
CAP+
VCC
LT5538
5538 TA01
1nF
1nF
56
RF
INPUT
9
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
5538 TA02
INPUT POWER (dBm)
–75 –65 –55 –45 –35 –25 –15
–5
5
0.2
0.5
0.8
1.1
1.4
2.0
1.7
–3
–2
–1
0
1
3
2
TA = –40°C
TA = 25°C
TA = 85°C
VCC = 5V AT 880 MHz


Similar Part No. - LT5538IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
More results

Similar Description - LT5538IDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5538 LINER-LT5538_15 Datasheet
240Kb / 12P
   40MHz to 3.8GHz RF Power Detector with 75dB Dynamic Range
LTC5582 LINER-LTC5582 Datasheet
395Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LTC5582 LINER-LTC5582_15 Datasheet
399Kb / 16P
   40MHz to 10GHz RMS Power Detector with 57dB Dynamic Range
LT5534 LINER-LT5534 Datasheet
191Kb / 8P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LT5534 LINER-LT5534_15 Datasheet
1Mb / 10P
   50MHz to 3GHz RF Power Detector with 60dB Dynamic Range
LTC5505-1 LINER-LTC5505-1_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-2 LINER-LTC5505-2_15 Datasheet
152Kb / 8P
   RF Power Detector with Buffered Output and 40dB Dynamic Range
LTC5505-1 LINER-LTC5505-1 Datasheet
147Kb / 8P
   RF Power Detector with Buffered Output and >40dB Dynamic Range
LT5537 LINER-LT5537_15 Datasheet
313Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
LT5537 LINER-LT5537 Datasheet
307Kb / 16P
   Wide Dynamic Range RF/IF Log Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com