Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5568-2EUF-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT5568-2EUF-TRPBF
Description  GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5568-2EUF-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT5568-2EUF-TRPBF Datasheet HTML 1Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 2Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 3Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 4Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 5Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 6Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 7Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 8Page - Linear Technology LT5568-2EUF-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT5568-2
3
55682f
VCC = 5V, EN = High, TA = 25°C, fLO = 900MHz, fRF = 902MHz, PLO = 0dBm.
BBPI, BBMI, BBPQ, BBMQ inputs 0.54VDC, Baseband Input Frequency = 2MHz, I&Q 90° shifted (upper side-band selection).
PRF, OUT = –10dBm, unless otherwise noted. (Note 3)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Specifications over the –40°C to 85°C temperature range are assured
by design, characterization and correlation with statistical process controls.
Note 3: Tests are performed as shown in the configuration of Figure 7.
Note 4: On each of the four baseband inputs BBPI, BBMI, BBPQ and BBMQ.
Note 5: V(BBPI) – V(BBMI) = 1VDC, V(BBPQ) – V(BBMQ) = 1VDC.
Note 6: Maximum value within 850MHz to 965MHz.
Note 7: An external coupling capacitor is used in the RF output line.
Note 8: At 20MHz offset from the LO signal frequency.
Note 9: At 20MHz offset from the CW signal frequency.
Note 10: At 5MHz offset from the CW signal frequency.
Note 11: RF power is within 10% of final value.
Note 12: RF power is at least 30dB lower than in the ON state.
Note 13: Baseband is driven by 2MHz and 2.1MHz tones. Drive level is set
in such a way that the two resulting RF tones are –10dBm each.
Note 14: IM2 measured at LO frequency + 4.1MHz.
Note 15: IM3 measured at LO frequency + 1.9MHz and LO frequency + 2.2MHz.
Note 16: Amplitude average of the characterization data set without image
or LO feedthrough nulling (unadjusted).
Note 17: The difference in conversion gain between the spurious signal at
f = 3 • LO – BB versus the conversion gain at the desired signal at f = LO +
BB for BB = 2MHz and LO = 900MHz.
Note 18: The input voltage corresponding to the output P1dB.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IR
Image Rejection
fBB = 100kHz (Note 16)
– 52
dBc
LOFT
Carrier Leakage
(LO Feedthrough)
EN = High, PLO = 0dBm (Note 16)
EN = Low, PLO = 0dBm (Note 16)
–43
–65
dBm
dBm
LO Input (LO)
fLO
LO Frequency Range
0.6 to 1.1
GHz
PLO
LO Input Power
– 10
0
5
dBm
S11, ON
LO Input Return Loss
EN = High (Note 6)
– 15
dB
S11, OFF
LO Input Return Loss
EN = Low (Note 6)
– 2.5
dB
NFLO
LO Input Referred Noise Figure
(Note 5) at 900MHz
14.7
dB
GLO
LO to RF Small Signal Gain
(Note 5) at 900MHz
14.7
dB
IIP3LO
LO Input 3rd Order Intercept
(Note 5) at 900MHz
– 3
dBm
Baseband Inputs (BBPI, BBMI, BBPQ, BBMQ)
BWBB
Baseband Bandwidth
– 3dB Bandwidth
380
MHz
VCMBB
DC Common Mode Voltage
(Note 4)
0.54
V
RIN, SE
Single-Ended Input Resistance
(Note 4)
47
Ω
PLO2BB
Carrier Feedthrough on BB
POUT = 0 (Note 4)
– 38
dBm
IP1dB
Input 1dB Compression Point
Differential Peak-to-Peak (Notes 7, 18)
4.3
VP-P, DIFF
Power Supply (VCC)
VCC
Supply Voltage
4.5
5
5.25
V
ICC, ON
Supply Current
EN = High
80
110
145
mA
ICC, OFF
Supply Current, Sleep Mode
EN = 0V
100
µA
tON
Turn-On Time
EN = Low to High (Note 11)
0.3
µs
tOFF
Turn-Off Time
EN = High to Low (Note 12)
1.4
µs
Enable (EN), Low = Off, High = On
Enable
Input High Voltage
Input High Current
EN = High
EN = 5V
1.0
245
V
µA
Sleep
Input Low Voltage
Input Low Current
EN = Low
EN = 0V
0.01
0.5
V
µA


Similar Part No. - LT5568-2EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5568-2 LINER-LT5568-2 Datasheet
313Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5568-2 LINER-LT5568-2_15 Datasheet
313Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5568-2EUF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5568-2 LINER-LT5568-2_15 Datasheet
313Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
   1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
   620MHz ??1100MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
   1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
LT5568 LINER-LT5568_15 Datasheet
334Kb / 16P
   700MHz ??1050MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571 Datasheet
319Kb / 16P
   620MHz - 1100MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com