Electronic Components Datasheet Search |
|
M1AFS250-FPQ256PP Datasheet(PDF) 11 Page - Actel Corporation |
|
M1AFS250-FPQ256PP Datasheet(HTML) 11 Page - Actel Corporation |
11 / 318 page Actel Fusion Mixed-Signal FPGAs Pr el iminar y v1 .7 1-7 tools. Comprehensive programming file support is also included to allow for easy programming of large numbers of parts with differing FlashROM contents. SRAM and FIFO Fusion devices have embedded SRAM blocks along the north and south sides of the device. Each variable-aspect-ratio SRAM block is 4,608 bits in size. Available memory configurations are 256×18, 512×9, 1k×4, 2k×2, and 4k×1 bits. The individual blocks have independent read and write ports that can be configured with different bit widths on each port. For example, data can be written through a 4-bit port and read as a single bitstream. The SRAM blocks can be initialized from the flash memory blocks or via the device JTAG port (ROM emulation mode), using the UJTAG macro. In addition, every SRAM block has an embedded FIFO control unit. The control unit allows the SRAM block to be configured as a synchronous FIFO without using additional core VersaTiles. The FIFO width and depth are programmable. The FIFO also features programmable Almost Empty (AEMPTY) and Almost Full (AFULL) flags in addition to the normal EMPTY and FULL flags. The embedded FIFO control unit contains the counters necessary for the generation of the read and write address pointers. The SRAM/FIFO blocks can be cascaded to create larger configurations. Clock Resources PLLs and Clock Conditioning Circuits (CCCs) Fusion devices provide designers with very flexible clock conditioning capabilities. Each member of the Fusion family contains six CCCs. In the two larger family members, two of these CCCs also include a PLL; the smaller devices support one PLL. The inputs of the CCC blocks are accessible from the FPGA core or from one of several inputs with dedicated CCC block connections. The CCC block has the following key features: • Wide input frequency range (fIN_CCC) = 1.5 MHz to 350 MHz • Output frequency range (fOUT_CCC) = 0.75 MHz to 350 MHz • Clock phase adjustment via programmable and fixed delays from –6.275 ns to +8.75 ns • Clock skew minimization (PLL) • Clock frequency synthesis (PLL) • On-chip analog clocking resources usable as inputs: – 100 MHz on-chip RC oscillator – Crystal oscillator Additional CCC specifications: • Internal phase shift = 0°, 90°, 180°, and 270° • Output duty cycle = 50% ± 1.5% • Low output jitter. Samples of peak-to-peak period jitter when a single global network is used: – 70 ps at 350 MHz – 90 ps at 100 MHz – 180 ps at 24 MHz – Worst case < 2.5% × clock period • Maximum acquisition time = 150 µs • Low power consumption of 5 mW Global Clocking Fusion devices have extensive support for multiple clocking domains. In addition to the CCC and PLL support described above, there are on-chip oscillators as well as a comprehensive global clock distribution network. The integrated RC oscillator generates a 100 MHz clock. It is used internally to provide a known clock source to the flash memory read and write control. It can also be used as a source for the PLLs. |
Similar Part No. - M1AFS250-FPQ256PP |
|
Similar Description - M1AFS250-FPQ256PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |