Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5571 Datasheet(PDF) 8 Page - Linear Technology

Part # LT5571
Description  620MHz - 1100MHz High Linearity Direct Quadrature Modulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT5571 Datasheet HTML 4Page - Linear Technology LT5571 Datasheet HTML 5Page - Linear Technology LT5571 Datasheet HTML 6Page - Linear Technology LT5571 Datasheet HTML 7Page - Linear Technology LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology LT5571 Datasheet HTML 10Page - Linear Technology LT5571 Datasheet HTML 11Page - Linear Technology LT5571 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT5571
8
5571f
BLOCK DIAGRAM
APPLICATIONS INFORMATION
The LT5571 consists of I and Q input differential voltage-
to-current converters, I and Q up-conversion mixers, an RF
signal combiner/balun, an LO quadrature phase generator
and LO buffers.
External I and Q baseband signals are applied to the dif-
ferential baseband input pins, BBPI, BBMI, and BBPQ,
BBMQ. These voltage signals are converted to currents and
translated to RF frequency by means of double-balanced
up-converting mixers. The mixer outputs are combined
in an RF output balun, which also transforms the output
impedance to 50Ω. The center frequency of the resulting
RF signal is equal to the LO signal frequency. The LO input
drives a phase shifter which splits the LO signal into in-
phase and quadrature LO signals. These LO signals are then
applied to on-chip buffers which drive the up-conversion
mixers. Both the LO input and RF output are single-ended,
50Ω-matched and AC-coupled.
Baseband Interface
The baseband inputs (BBPI, BBMI), (BBPQ, BBMQ) present
a differential input impedance of about 90kΩ. At each of
the four baseband inputs, a capacitor of 1.8pF to ground
and a PNP emitter follower is incorporated (see Figure 1),
which limits the baseband bandwidth to approximately
200MHz (–1dB point), if driven by a 50Ω source. The
circuit is optimized for a common mode voltage of 0.5V
which should be externally applied. The baseband input
pins should not be left floating because the internal PNP’s
base current will pull the common mode voltage higher
than the 0.6V limit. This condition may damage the part.
The PNP’s base current is about 24µA in normal opera-
tion. On the LT5571 demo board, external 50Ω resistors
to ground are added to each baseband input to prevent
this condition and to serve as a termination resistance for
the baseband connections.
It is recommended that the I/Q signals be DC-coupled to
the LT5571. An applied common mode voltage level at the
I and Q inputs of about 0.5V will maximize the LT5571’s
dynamic range. Some I/Q generators allow setting the
common mode voltage independently. For a 0.5V com-
mon mode voltage setting, the common-mode voltage of
those generators must be set to 0.5V to create the desired
0.5V bias, when an external 50Ω is present in the setup
(See Figure 2).
The part should be driven differentially; otherwise, the even-
order distortion products will degrade the overall linearity
severely. Typically, a DAC will be the signal source for the
LT5571. A reconstruction filter should be placed between
the DAC output and the LT5571’s baseband inputs.
In Figure 3 a typical baseband interface is shown, includ-
ing a fifth-order low-pass ladder filter. For each baseband
pin, a 0 to 1V swing is developed corresponding to a DAC
output current of 0mA to 20mA. The maximum sinusoidal
single side-band RF output power is about +5.8dBm for
90
°
0
°
V-I
V-I
BALUN
VCC
RF
LO
5571 BD
11
EN
1
3
9
6
GND
4
2
5
7
16
14
8
13
BBPI
BBMI
BBPQ
BBMQ
17
15
GND
12
10


Similar Part No. - LT5571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5571 LINER-LT5571 Datasheet
685Kb / 30P
   200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
   620MHz ??1100MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
   620MHz ??1100MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
   600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
   1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
   1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
LT5568 LINER-LT5568_15 Datasheet
334Kb / 16P
   700MHz ??1050MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
   1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
   5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5568-2 LINER-LT5568-2_15 Datasheet
313Kb / 16P
   GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com