Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5579IUH-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT5579IUH-PBF
Description  1.5GHz to 3.8GHz High Linearity Upconverting Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5579IUH-PBF Datasheet(HTML) 3 Page - Linear Technology

  LT5579IUH-PBF Datasheet HTML 1Page - Linear Technology LT5579IUH-PBF Datasheet HTML 2Page - Linear Technology LT5579IUH-PBF Datasheet HTML 3Page - Linear Technology LT5579IUH-PBF Datasheet HTML 4Page - Linear Technology LT5579IUH-PBF Datasheet HTML 5Page - Linear Technology LT5579IUH-PBF Datasheet HTML 6Page - Linear Technology LT5579IUH-PBF Datasheet HTML 7Page - Linear Technology LT5579IUH-PBF Datasheet HTML 8Page - Linear Technology LT5579IUH-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT5579
3
5579f
AC ELECTRICAL CHARACTERISTICS V
CC = 3.3V, TA = 25°C, PRF = –5dBm (–5dBm/tone for 2-tone tests,
Δf = 1MHz), PLO = –1dBm, unless otherwise noted. Test circuits are shown in Figure 1. (Notes 2, 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IF Input Return Loss
ZO = 50Ω, External Match
15
dB
LO Input Return Loss
ZO = 50Ω, 1100MHz to 4000MHz
>9
dB
RF Output Return Loss
ZO = 50Ω, External Match
>10
dB
LO Input Power
–5 to 2
dBm
VCC = 3.3V, TA = 25°C, PRF = –5dBm (–5dBm/tone for 2-tone tests, Δf = 1MHz), PLO = –1dBm, unless otherwise noted.
Low side LO for 1750MHz and 3600MHz. High side LO for 2140MHz and 2600MHz. (Notes 2, 3, 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
1.8
2.6
1.3
–0.5
dB
dB
dB
dB
Conversion Gain vs Temperature
(TA = –40°C to 85°C)
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
–0.020
–0.020
–0.027
–0.027
dB/°C
dB/°C
dB/°C
dB/°C
Output 3rd Order Intercept
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
29
27.3
26.2
23.2
dBm
dBm
dBm
dBm
Output 2nd Order Intercept
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
41
42
45
54
dBm
dBm
dBm
dBm
Single Sideband Noise Figure
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
9.2
9.9
12
12
dB
dB
dB
dB
Output Noise Floor (POUT = –5dBm)
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
–159.5
–158.1
–157.5
–155.5
dBm/Hz
dBm/Hz
dBm/Hz
dBm/Hz
Output 1dB Compression
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
13.3
13.9
13.7
10.7
dBm
dBm
dBm
dBm
IF to LO Isolation
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
83
81
74
73
dB
dB
dB
dB
LO to IF Leakage
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
–23
–28
–26
–22
dBm
dBm
dBm
dBm
LO to RF Leakage
fIF = 240MHz, fRF = 1750MHz
fIF = 240MHz, fRF = 2140MHz
fIF = 456MHz, fRF = 2600MHz
fIF = 456MHz, fRF = 3600MHz
–39
–35
–36
–35
dBm
dBm
dBm
dBm
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Each set of frequency conditions requires appropriate matching
(see Figure 1).
Note 3: The LT5579 is guaranteed to meet specified performance from
–40°C to 85°C
Note 4: SSB noise figure measurements performed with a small-signal
noise source and bandpass filter on LO signal generator. No other IF signal
applied.


Similar Part No. - LT5579IUH-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5579 LINER-LT5579 Datasheet
355Kb / 20P
   Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LT5579 LINER-LT5579 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5579 LINER-LT5579 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
More results

Similar Description - LT5579IUH-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5579 LINER-LT5579_15 Datasheet
347Kb / 20P
   1.5GHz to 3.8GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520_15 Datasheet
195Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519_15 Datasheet
227Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5520 LINER-LT5520 Datasheet
190Kb / 12P
   1.3GHz to 2.3GHz High Linearity Upconverting Mixer
LT5519 LINER-LT5519 Datasheet
215Kb / 12P
   0.7GHz to 1.4GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
   3GHz to 8GHz High Linearity Active Upconverting Mixer
LT5528 LINER-LT5528_15 Datasheet
319Kb / 16P
   1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com