Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6105IDCB-TRMPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT6105IDCB-TRMPBF
Description  Precision, Extended Input Range Current Sense Amplifi er
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6105IDCB-TRMPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6105IDCB-TRMPBF Datasheet HTML 3Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 4Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 5Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 6Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 7Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 8Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 9Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 10Page - Linear Technology LT6105IDCB-TRMPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT6105
7
6105fa
TEMPERATURE (°C)
–50
–25
0
50
25
75
100
125
6105 G09
–0.5
–0.3
–0.1
0.1
0.3
0.5
–0.4
–0.2
0.0
0.2
0.4
V+ = 12V
VSENSE = 50mV
RIN = 100Ω
AV = 50V/V
TYPICAL PERFORMANCE CHARACTERISTICS
Gain Error Distribution,
VS+ = 0V
Gain Error vs Input Voltage
Gain Error vs Temperature,
VS+ = 12V
Gain Error vs Output Resistance
Input Referred Voltage Error
vs VSENSE, VS+ = 0V
Gain Error vs Temperature,
VS+ = 0V
Input Referred Voltage Error
vs VSENSE, VS+ = 12V
Input Bias Current
vs Input Voltage
Input Current vs Input Voltage,
VSENSE = 50mV
VSENSE (mV)
0
–2
0
20
40
80
60
100
2
–1
1
120
6105 G12
V+ = 12V
RIN = 100Ω
AV = 50V/V
TA = – 40°C
TA = 25°C
TA = 85°C
TA = 125°C
VSENSE (mV)
0
20
40
80
60
100
120
6105 G13
TA = – 40°C
–5.0
–3.0
–1.0
1.0
3.0
5.0
–4.0
–2.0
0.0
2.0
4.0
V+ = 12V
RIN = 100Ω
AV = 50V/V
TA = 85°C
TA = 25°C
TA = 125°C
VS
+ INPUT VOLTAGE (V)
0
–100.00
–1.00
–0.01
0.01
0.5
1
1.5
2
2.5
1.00
100.00
–10.00
–0.10
0
0.1
10.00
3
6105 G14
V+ = 3V
VSENSE = 0V
RIN = 100Ω
TA = – 40°C
TA = 125°C
TA = 85°C
TA = 25°C
VS
+ INPUT VOLTAGE (V)
0
1.0
1.5
35
0.5
0.0
10
20
5
15
25
40
30
45
–1.5
–2.0
–0.5
2.0
–1.0
6105 G15
I(+IN)
I(–IN)
V+ = 12V
RIN = 100Ω
AV = 50V/V
VS
+ INPUT VOLTAGE (V)
0
2
3
35
1
0
10
20
5
15
25
40
30
45
–3
–4
–1
4
–2
6105 G08
TA = 25°C
TA = 85°C
TA = 125°C
V+ = 12V
VSENSE = 50mV
RIN = 100Ω
AV = 50V
TA = – 40°C
GAIN ERROR (%)
–2.3
25
30
35
–1.6
20
15
–2.1
–1.9
–2.2
–2.0
–1.8
–1.5
–1.7
–1.4
5
0
10
45
40
6105 G07
V+ = 12V
VSENSE = 50mV
RIN = 100Ω
AV = 50V/V
500 SAMPLES
TEMPERATURE (°C)
–4.0
–3.2
–2.4
–1.6
–0.8
0
–3.6
–2.8
–2.0
–1.2
–0.4
6105 G10
V+ = 12V
VSENSE = 50mV
RIN = 100Ω
AV = 50V/V
–50
–25
0
50
25
75
100
125
ROUT OUTPUT RESISTANCE (Ω)
0
–2
3
4
5
6
2000
4000
6000
–4
1
–3
2
–5
–6
0
–1
8000
10000
6105 G11
VIN = 12V
VSENSE = 50mV
RIN = 100Ω
AV = ROUT/RIN
VS
+ = 12V
VS
+ = 0V


Similar Part No. - LT6105IDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6105 LINER-LT6105 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT6105 LINER-LT6105 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Linear Integrated Syste...
LT6105CMS8 LINEAR-LT6105CMS8 Datasheet
33Kb / 1P
   Uni-Dir. Rail-to-Rail Current Sense AMP
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
More results

Similar Description - LT6105IDCB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6105 LINER-LT6105_15 Datasheet
380Kb / 20P
   Precision, Extended Input Range Current Sense Amplifier
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
LTC6104 LINER-LTC6104 Datasheet
309Kb / 16P
   High Voltage, High Side, Bi-Directional Current Sense Amplifi er
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
DEMO-MGA-6X563A BOARDCOM-DEMO-MGA-6X563A Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com