Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6402-6 Datasheet(PDF) 6 Page - Linear Technology

Part # LT6402-6
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402-6 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6402-6 Datasheet HTML 2Page - Linear Technology LT6402-6 Datasheet HTML 3Page - Linear Technology LT6402-6 Datasheet HTML 4Page - Linear Technology LT6402-6 Datasheet HTML 5Page - Linear Technology LT6402-6 Datasheet HTML 6Page - Linear Technology LT6402-6 Datasheet HTML 7Page - Linear Technology LT6402-6 Datasheet HTML 8Page - Linear Technology LT6402-6 Datasheet HTML 9Page - Linear Technology LT6402-6 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6402-6
6
64026fa
Third Order Intermodulation
Distortion vs Frequency,
Differential Input, No RLOAD
Output Third Order Intercept vs
Frequency, Differential Input,
RLOAD = 400Ω
Distortion vs Frequency,
Differential Input, No RLOAD
Distortion vs Output Amplitude,
20MHz Differential Input, No RLOAD
Output 1dB Compression
vs Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
Third Order Intermodulation
Distortion vs Frequency,
Differential Input, RLOAD = 400Ω
Output Third Order Intercept vs
Frequency, Differential Input,
No RLOAD
Distortion vs Frequency,
Differential Input, No RLOAD
Distortion vs Output Amplitude,
20MHz Differential Input, No RLOAD
FREQUENCY (MHz)
5
–105
–95
–85
–75
–65
–45
10
15
20
25
64026 G04
30
35
–55
UNFILTERED
OUTPUTS
2 TONES
2VP-P COMPOSITE
1MHz TONE SPACING
FILTERED
OUTPUTS
FREQUENCY (MHz)
5
–100
–90
–80
–70
–60
–40
10
15
20
25
64026 G05
30
35
–50
UNFILTERED
OUTPUTS
2 TONES
2VP-P COMPOSITE
1MHz TONE SPACING
FILTERED
OUTPUTS
FREQUENCY (MHz)
5
60
55
50
45
40
35
30
25
20
30
64026 G06
10
15
25
35
FILTERED OUTPUTS
UNFILTERED OUTPUTS
FREQUENCY (MHz)
5
27
31
35
39
43
10
20
30
35
64026 G07
47
51
15
25
UNFILTERED
OUTPUTS
FILTERED
OUTPUTS
2 TONES
2VP-P COMPOSITE
1MHz TONE SPACING
FREQUENCY (MHz)
1
–100
–90
–80
–70
–60
–40
10
100
64026 G08
–50
FILTERED OUTPUTS
VOUT = 2VP-P
HD3
HD2
FREQUENCY (MHz)
1
–100
–90
–80
–70
–60
–40
10
100
64026 G09
–50
UNFILTERED OUTPUTS
VOUT = 2VP-P
HD3
HD2
OUTPUT AMPLITUDE (dBm)
–100
–90
–80
–70
–95
–85
–75
24
6
8
64206 G10
10
1
03
5
7
9
HD2
HD3
FILTERED OUTPUTS
OUTPUT AMPLITUDE (dBm)
0
–80
–75
8
64026 G11
–85
–90
2
4
5
10
–70
6
1
3
9
7
UNFILTERED OUTPUTS
HD2
HD3
FREQUENCY (MHz)
1
0
10
25
20
10
100
1000
64026 G12
–10
–5
5
15
–15
–20
UNFILTERED OUTPUTS
400Ω LOAD
100Ω LOAD


Similar Part No. - LT6402-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-6 LINER-LT6402-6 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT6402-6 LINER-LT6402-6 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LT6402-6 LINER-LT6402-6 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT6402-6 LINER-LT6402-6 Datasheet
377Kb / 26P
   2.7GHz, 5V, Low Noise,Rail-to-Rail Input Differential Amplifier/Driver
LT6402-6 LINER-LT6402-6 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
More results

Similar Description - LT6402-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com