Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A32200A-1PG256C Datasheet(PDF) 8 Page - Actel Corporation

Part # A32200A-1PG256C
Description  HiRel FPGAs
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32200A-1PG256C Datasheet(HTML) 8 Page - Actel Corporation

Back Button A32200A-1PG256C Datasheet HTML 4Page - Actel Corporation A32200A-1PG256C Datasheet HTML 5Page - Actel Corporation A32200A-1PG256C Datasheet HTML 6Page - Actel Corporation A32200A-1PG256C Datasheet HTML 7Page - Actel Corporation A32200A-1PG256C Datasheet HTML 8Page - Actel Corporation A32200A-1PG256C Datasheet HTML 9Page - Actel Corporation A32200A-1PG256C Datasheet HTML 10Page - Actel Corporation A32200A-1PG256C Datasheet HTML 11Page - Actel Corporation A32200A-1PG256C Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
8
Ac t e l MI L- S T D- 8 83 P r o d u c t Fl o w
Step
Screen
883 Method
883—Class B
Requirement
1.
Internal Visual
2010, Test Condition B
100%
2.
Temperature Cycling
1010, Test Condition C
100%
3.
Constant Acceleration
2001, Test Condition D or E,
Y1, Orientation Only
100%
4.
Seal
a. Fine
b. Gross
1014
100%
100%
5.
Visual Inspection
2009
100%
6.
Pre-Burn-In
Electrical Parameters
In accordance with applicable Actel
device specification
100%
7.
Burn-in Test
1015, Condition D,
160 hours @ 125°C or 80 hours @ 150°C
100%
8.
Interim (Post-Burn-In)
Electrical Parameters
In accordance with applicable Actel
device specification
100%
9.
Percent Defective Allowable
5%
All Lots
10.
Final Electrical Test
a. Static Tests
(1) 25°C
(Subgroup 1, Table I)
(2) –55°C and +125°C
(Subgroups 2, 3, Table I)
b. Functional Tests
(1) 25°C
(Subgroup 7, Table I)
(2) –55°C and +125°C
(Subgroups 8A and 8B, Table I)
c. Switching Tests at 25°C
(Subgroup 9, Table I)
In accordance with applicable Actel
device specification, which includes a, b, and c:
5005
5005
5005
5005
5005
100%
100%
100%
11.
External Visual
2009
100%
Note:
When Destructive Physical Analysis (DPA) is performed on Class B devices, the step coverage requirement as specified in Method 2018
must be waived.


Similar Part No. - A32200A-1PG256C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A32200 ACTEL-A32200 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A32200DX-1CQ208B ACTEL-A32200DX-1CQ208B Datasheet
1Mb / 98P
   HiRel FPGAs
A32200DX-1CQ208B ACTEL-A32200DX-1CQ208B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
A32200DX-1CQ256B ACTEL-A32200DX-1CQ256B Datasheet
1Mb / 98P
   HiRel FPGAs
A32200DX-1CQ256B ACTEL-A32200DX-1CQ256B Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
More results

Similar Description - A32200A-1PG256C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1010B-PQ100C ACTEL-A1010B-PQ100C Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-2PLG44I ACTEL-A1020B-2PLG44I Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PG84M ACTEL-A1020B-PG84M Datasheet
1Mb / 98P
   HiRel FPGAs
A1020B-PL68C ACTEL-A1020B-PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A32100DX ACTEL-A32100DX Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-1PL68C ACTEL-A1010B-1PL68C Datasheet
1Mb / 98P
   HiRel FPGAs
A1010B-PLG68C ACTEL-A1010B-PLG68C Datasheet
1Mb / 98P
   HiRel FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Texas Instruments
OMAP3525-HIREL TI-OMAP3525-HIREL Datasheet
3Mb / 239P
[Old version datasheet]   OMAP3525-HiRel and OMAP3530-HiRel Applications Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com