Electronic Components Datasheet Search |
|
A54SX16P-1FGG208 Datasheet(PDF) 11 Page - Actel Corporation |
|
A54SX16P-1FGG208 Datasheet(HTML) 11 Page - Actel Corporation |
11 / 64 page SX Family FPGAs v3.2 1-7 Programming Device programming is supported through Silicon Sculptor series of programmers. In particular, Silicon Sculptor II are compact, robust, single-site and multi-site device programmer for the PC. With standalone software, Silicon Sculptor II allows concurrent programming of multiple units from the same PC, ensuring the fastest programming times possible. Each fuse is subsequently verified by Silicon Sculptor II to insure correct programming. In addition, integrity tests ensure that no extra fuses are programmed. Silicon Sculptor II also provides extensive hardware self-testing capability. The procedure for programming an SX device using Silicon Sculptor II are as follows: 1. Load the .AFM file 2. Select the device to be programmed 3. Begin programming When the design is ready to go to production, Actel offers device volume-programming services either through distribution partners or via in-house programming from the factory. For more details on programming SX devices, refer to the Programming Antifuse Devices application note and the Silicon Sculptor II User's Guide. 3.3 V / 5 V Operating Conditions Figure 1-8 • Probe Setup SX FPGA TDI TCK TDO TMS PRA PRB Serial Connection 16 Channels Silicon Explorer II Table 1-3 • Absolute Maximum Ratings1 Symbol Parameter Limits Units VCCR 2 DC Supply Voltage3 –0.3 to + 6.0 V VCCA 2 DC Supply Voltage –0.3 to + 4.0 V VCCI 2 DC Supply Voltage (A54SX08, A54SX16, A54SX32) –0.3 to + 4.0 V VCCI 2 DC Supply Voltage (A54SX16P) –0.3 to + 6.0 V VI Input Voltage –0.5 to + 5.5 V VO Output Voltage –0.5 to + 3.6 V IIO I/O Source Sink Current3 –30 to + 5.0 mA TSTG Storage Temperature –65 to +150 °C Notes: 1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Device should not be operated outside the Recommended Operating Conditions. 2. VCCR in the A54SX16P must be greater than or equal to VCCI during power-up and power-down sequences and during normal operation. 3. Device inputs are normally high impedance and draw extremely low current. However, when input voltage is greater than VCC + 0.5 V or less than GND – 0.5 V, the internal protection diodes will forward-bias and can draw excessive current. |
Similar Part No. - A54SX16P-1FGG208 |
|
Similar Description - A54SX16P-1FGG208 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |