Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6402CUD-12-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT6402CUD-12-TRPBF
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402CUD-12-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT6402CUD-12-TRPBF Datasheet HTML 1Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 2Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 3Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 4Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 5Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 6Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 7Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 8Page - Linear Technology LT6402CUD-12-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
640212fa
LT6402-12
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: As long as output current and junction temperature are kept below
the Absolute Maximum Ratings, no damage to the part will occur.
Note 3: The LT6402 is guaranteed functional over the operating
temperature range of –40°C to 85°C.
Note 4: The LT6402C is guaranteed to meet specified performance from
0°C to 70°C. It is designed, characterized and expected to meet specified
performance from –40°C and 85°C but is not tested or QA sampled
at these temperatures. The LT6402I is guaranteed to meet specified
performance from –40°C to 85°C.
Note 5: Since the LT6402-12 is a feedback amplifier with low output
impedance, a resistive load is not required when driving an ADC.
Therefore, typical output power is very small. In order to compare the
LT6402-12 with typical gm amplifiers that require 50Ω output loading, the
LT6402-12 output voltage swing driving an ADC is converted to OIP3 and
P1dB as if it were driving a 50Ω load.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
25MHz Signal
Second/Third Harmonic Distortion
2VP-P Differential (+OUTFILTERED, –OUTFILTERED)
–82
dBc
2VP-P Differential (+OUT, –OUT)
–73
dBc
Third-Order IMD
2VP-P Differential Composite (+OUTFILTERED,
–OUTFILTERED), f1 = 24.5MHz, f2 = 25.5MHz
–83
dBc
2VP-P Differential Composite (+OUT, –OUT),
RL = 400Ω, f1 = 24.5MHz, f2 = 25.5MHz
–74
dBc
OIP325M
Output Third-Order Intercept
Differential (+OUTFILTERED, –OUTFILTERED),
f1 = 24.5MHz, f2 = 25.5MHz (Note 5)
40
dBm
NF
Noise Figure
Measured Using DC954A Demo Board
15.1
dB
en25M
Input Referred Noise Voltage Density
2.6
nV/√Hz
1dB Compression Point
RL = 100Ω (Note 5)
13.5
dBm
TA = 25°C, VCCA = VCCB = VCCC = 5V,VEEA = VEEB = VEEC = 0V,
⎯E⎯N⎯A⎯B⎯L⎯E = 0.8V, +INA shorted to +INB (+IN), –INA shorted to –INB (–IN), VOCM = 2.2V, Input common mode voltage = 2.2V, no RLOAD
unless otherwise noted.
Frequency Response,
RLOAD = 400Ω
Frequency Response vs CLOAD,
RLOAD = 400Ω
Frequency Response,
RLOAD = 100Ω
AC ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
1
–3
0
3
6
9
10
100
1000
640212 G01
–6
–9
–12
–15
12
15
18
UNFILTERED OUTPUTS
FILTERED OUTPUTS
VIN = 50mVP-P
UNFILTERED: RLOAD = 400Ω
FILTERED: RLOAD = 300Ω
(EXTERNAL) + 100Ω
(INTERNAL, FILTERED OUTPUTS)
FREQUENCY (MHz)
1
6
9
12
15
18
10
100
1000
640212 G02
3
0
–3
–6
21
24
0pF
1.6pF
5pF
10pF
VIN = 50VP-P
UNFILTERED OUTPUTS
FREQUENCY (MHz)
1
–6
0
6
10
100
1000
640212 G03
–12
–18
18
12
–9
–3
3
–15
15
9
UNFILTERED OUTPUTS
FILTERED OUTPUTS
VIN = 50mVP-P
UNFILTERED: RLOAD = 100Ω
FILTERED: RLOAD = 100Ω
(INTERNAL, FILTERED OUTPUTS)


Similar Part No. - LT6402CUD-12-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402CUD-20 LINER-LT6402CUD-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT6402CUD-6 LINER-LT6402CUD-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402CUD-6-PBF LINER-LT6402CUD-6-PBF Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402CUD-6-TR LINER-LT6402CUD-6-TR Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT6402CUD-6-TRPBF LINER-LT6402CUD-6-TRPBF Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
More results

Similar Description - LT6402CUD-12-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com