Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6402IUD-6-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT6402IUD-6-TRPBF
Description  300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6402IUD-6-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6402IUD-6-TRPBF Datasheet HTML 6Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 7Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 8Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 9Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 10Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 11Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 12Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 13Page - Linear Technology LT6402IUD-6-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT6402-6
10
64026fa
Circuit Description
The LT6402-6 is a low noise, low distortion differential
amplifier/ADC driver with:
• –3dB bandwidth
DC to 300MHz
• Fixed gain independent of RLOAD
2V/V (6dB)
• Differential input impedance
200Ω
• Low output impedance
• Built-in, user adjustable output filtering
• Requires minimal support circuitry
Referring to the block diagram, the LT6402-6 uses a
closed-loop topology which incorporates 3 internal am-
plifiers. Two of the amplifiers (A and B) are identical and
drive the differential outputs. The third amplifier is used
to set the output common mode voltage. Gain and input
impedance are set by the 200Ω resistors in the internal
feedback network. Output impedance is low, determined
by the inherent output impedance of amplifiers A and B,
and further reduced by internal feedback.
The LT6402-6 also includes built-in single-pole output
filtering. The user has the choice of using the unfiltered
outputs, the filtered outputs (75MHz –3dB lowpass), or
modifying the filtered outputs to alter frequency response
by adding additional components. Many lowpass and
bandpass filters are easily implemented with just one or
two additional components.
BLOCK DIAGRAM
+
14
–INA
5
+OUT
64026 BD
3
VCCA
10
VCCB
1
VCCC
11
ENABLE
13
–INB
14pF
VCCA
A
VEEA
VEEA
50Ω
6
+OUTFILTERED
+
16
+INA
8
–OUT
15
+INB
VCCB
B
VEEB
VEEB
200Ω
200Ω
200Ω
200Ω
200Ω
200Ω
200Ω
200Ω
50Ω
14pF
14pF
7
–OUTFILTERED
12
VEEC
9
VEEB
4
VEEA
+
VEEC
C
VCCC
2
VOCM
BIAS
APPLICATIONS INFORMATION


Similar Part No. - LT6402IUD-6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402IUD-12 LINER-LT6402IUD-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-12-PBF LINER-LT6402IUD-12-PBF Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-12-TR LINER-LT6402IUD-12-TR Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-12-TRPBF LINER-LT6402IUD-12-TRPBF Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402IUD-20 LINER-LT6402IUD-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
More results

Similar Description - LT6402IUD-6-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
LT1993-4 LINER-LT1993-4 Datasheet
720Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 4V/V)
LT6402-20 LINER-LT6402-20 Datasheet
326Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver (AV = 20dB)
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LT1994 LINER-LT1994 Datasheet
296Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
   1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
   2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com