Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A10V20B-3VQ84C Datasheet(PDF) 4 Page - Actel Corporation

Part # A10V20B-3VQ84C
Description  ACT 1 Series FPGAs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A10V20B-3VQ84C Datasheet(HTML) 4 Page - Actel Corporation

  A10V20B-3VQ84C Datasheet HTML 1Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 2Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 3Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 4Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 5Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 6Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 7Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 8Page - Actel Corporation A10V20B-3VQ84C Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1-286
Product Plan
Speed Grade*
Application
Std
–1
–2
–3
C
I
M
B
A1010B Device
44-pin Plastic Leaded Chip Carrier (PL)
68-pin Plastic Leaded Chip Carrier (PL)
100-pin Plastic Quad Flatpack (PQ)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
84-pin Ceramic Pin Grid Array (PG)
A1020B Device
44-pin Plastic Leaded Chip Carrier (PL)
68-pin Plastic Leaded Chip Carrier (PL)
84-pin Plastic Leaded Chip Carrier (PL)
100-pin Plastic Quad Flatpack (PQ)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
84-pin Ceramic Pin Grid Array (PG)
84-pin Ceramic Quad Flatpack (CQ)
A10V10B Device
68-pin Plastic Leaded Chip Carrier (PL)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
A10V20B Device
68-pin Plastic Leaded Chip Carrier (PL)
84-pin Plastic Leaded Chip Carrier (PL)
80-pin Very Thin (1.0 mm) Quad Flatpack (VQ)
Applications: C = Commercial
Availability:
= Available
* Speed Grade: –1 = Approx. 15% faster than Standard
I
= Industrial
P = Planned
–2 = Approx. 25% faster than Standard
M = Military
— = Not Planned
–3 = Approx. 35% faster than Standard
B = MIL-STD-883
Device Resources
User I/Os
Device
Logic Modules
Gates
44-pin
68-pin
80-pin
84-pin
100-pin
A1010B, A10V10B
295
1200
34
57
57
57
57
A1020B, A10V20B
547
2000
34
57
69
69
69


Similar Part No. - A10V20B-3VQ84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A10V20B-PL84C ACTEL-A10V20B-PL84C Datasheet
1Mb / 98P
   Highly Predictable Performance with 100 Automatic Placement and Routing
More results

Similar Description - A10V20B-3VQ84C

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A1020B-PL84C ACTEL-A1020B-PL84C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
logo
Microsemi Corporation
A1020B-PL68I MICROSEMI-A1020B-PL68I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
logo
Actel Corporation
A1010B-2PL44I ACTEL-A1010B-2PL44I Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1020B-CQ84M ACTEL-A1020B-CQ84M Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-2PLG6 ACTEL-A1010B-2PLG6 Datasheet
172Kb / 24P
   ACT 1 Series FPGAs
A1010B-PL68C ACTEL-A1010B-PL68C Datasheet
172Kb / 24P
   ACT??1 Series FPGAs
A14100A-RQ208C ACTEL-A14100A-RQ208C Datasheet
479Kb / 68P
   Accelerator Series FPGAs - ACT 3Family
logo
Microsemi Corporation
A1280A-PL84C MICROSEMI-A1280A-PL84C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1240A-1PG132C MICROSEMI-A1240A-1PG132C Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
A1280A-1PQ160I MICROSEMI-A1280A-1PQ160I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com