Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR91A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFR91A
Description  Silicon NPN Planar RF Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFR91A Datasheet(HTML) 2 Page - Vishay Siliconix

  BFR91A Datasheet HTML 1Page - Vishay Siliconix BFR91A Datasheet HTML 2Page - Vishay Siliconix BFR91A Datasheet HTML 3Page - Vishay Siliconix BFR91A Datasheet HTML 4Page - Vishay Siliconix BFR91A Datasheet HTML 5Page - Vishay Siliconix BFR91A Datasheet HTML 6Page - Vishay Siliconix BFR91A Datasheet HTML 7Page - Vishay Siliconix BFR91A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BFR91A
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (8)
Document Number 85031
Electrical DC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Collector cut-off current
VCE = 20 V, VBE = 0
ICES
100
mA
Collector-base cut-off current
VCB = 20 V, IE = 0
ICBO
100
nA
Emitter-base cut-off current
VEB = 2 V, IC = 0
IEBO
10
mA
Collector-emitter breakdown voltage IC = 1 mA, IB = 0
V(BR)CEO
12
V
Collector-emitter saturation voltage
IC = 50 mA, IB = 5 mA
VCEsat
0.1
0.4
V
DC forward current transfer ratio
VCE = 5 V, IC = 30 mA
hFE
40
90
150
Electrical AC Characteristics
Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Transition frequency
VCE = 5 V, IC = 30 mA, f = 500 MHz
fT
6
GHz
Collector-base capacitance
VCB = 5 V, f = 1 MHz
Ccb
0.4
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.3
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
1.5
pF
Noise figure
VCE = 8 V, ZS = 50 W, f = 800 MHz,
IC = 5 mA
F
1.6
dB
VCE = 8 V, ZS = 50 W, f = 800 MHz,
IC = 30 mA
F
2.3
dB
Power gain
VCE = 8 V, IC = 30 mA, ZS = 50 W,
ZL = ZLopt, f = 800 MHz
Gpe
14
dB
Linear output voltage – two
tone intermodulation test
VCE = 8 V, IC = 30 mA, dIM = 60 dB,
f1 = 806 MHz, f2 = 810 MH,
ZS = ZL = 50 W
V1 = V2
280
mV
Third order intercept point
VCE = 8 V, IC = 30 mA, f = 800 MHz
IP3
32
dBm


Similar Part No. - BFR91A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
   The RF Line NPN Silicon High-Frequency Transistor
logo
Vishay Siliconix
BFR91A VISHAY-BFR91A Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
BFR91AGELB VISHAY-BFR91AGELB Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
More results

Similar Description - BFR91A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com