Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6554 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6554
Description  650MHz Gain of 1 Triple Video Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6554 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6554 Datasheet HTML 4Page - Linear Technology LT6554 Datasheet HTML 5Page - Linear Technology LT6554 Datasheet HTML 6Page - Linear Technology LT6554 Datasheet HTML 7Page - Linear Technology LT6554 Datasheet HTML 8Page - Linear Technology LT6554 Datasheet HTML 9Page - Linear Technology LT6554 Datasheet HTML 10Page - Linear Technology LT6554 Datasheet HTML 11Page - Linear Technology LT6554 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT6554
9
6554fa
APPLICATIO S I FOR ATIO
While the AGND pins on the LT6554 are not connected to
the amplifier circuitry, tying them to ground or another
“quiet” node significantly increases channel isolation and
is always recommended. The AGND pins do have ESD
protection and therefore should not be connected to
potentials outside the power supply range.
Low ESL/ESR bypass capacitors should be placed as close
to the positive and negative supply pins as possible. One
4700pF ceramic capacitor is recommended for both V+
and V. Additional 470pF ceramic capacitors with minimal
trace length on each supply pin will further improve AC and
transient response as well as channel isolation. For high
current drive and large-signal transient applications, addi-
tional 1µF to 10µF tantalums should be added on each
supply. The smallest value capacitors should be placed
closest to the package.
To maintain the LT6554’s channel isolation, it is beneficial
to shield parallel input and output traces using a ground
plane or power supply traces. Vias between topside and
backside metal are recommended to maintain a low
inductance ground, especially between closely spaced
signal traces.
Single Supply Operation
Figure 3 illustrates how to use the LT6554 with a single
supply ranging from 4.5V to 12V. Since the output range
is comparable to the input range, the DC bias point at the
input can be set anywhere between the supplies that will
prevent the AC-coupled signal from running into the
output range limits. As shown, the DC input level is mid-
supply.
The only additional power dissipation in the single supply
configuration is through the resistor bias string at the
input and through any load resistance at the output. In
many cases, the output can be used to directly drive other
single supply devices without additional coupling and
without any resistive load.
ESD Protection
The LT6554 has reverse-biased ESD protection diodes on
all pins. If any pins are forced a diode drop above the
positive supply or a diode drop below the negative supply,
large currents may flow through these diodes. If the
current is kept below 10mA, no damage to the device will
occur.
Figure 1. Response vs Output Trace Length
Figure 2. Response vs Series Output Resistance
Figure 3. Single Supply Configuration, One Channel Shown
FREQUENCY (MHz)
0.1
6
4
2
0
–2
–4
–6
1
10
100
1000
6554 F01
4cm TRACE
0.2cm TRACE
2cm TRACE
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
FREQUENCY (MHz)
0.1
6
4
2
0
–2
–4
–6
1
10
100
1000
6554 F02
4cm TRACE
4cm TRACE
RS, OUT = 10Ω
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
1/3
LT6554
5k
5k
AGND
IN
VIN
22µF
OUT
V+
V
4.5V TO 12V
6554 F03


Similar Part No. - LT6554

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6554 LINER-LT6554 Datasheet
356Kb / 16P
   650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6554 LINER-LT6554 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
More results

Similar Description - LT6554

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6554 LINER-LT6554_15 Datasheet
172Kb / 12P
   650MHz Gain of 1 Triple Video Buffer
LT6553 LINER-LT6553_09 Datasheet
193Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553_15 Datasheet
199Kb / 12P
   650MHz Gain of 2 Triple Video Amplifier
LT6553 LINER-LT6553 Datasheet
168Kb / 8P
   650MHz Gain of 2 Triple Video Amplifier
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
LT6555 LINER-LT6555_15 Datasheet
370Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
LT6555IGN LINER-LT6555IGN Datasheet
356Kb / 16P
   650MHz Gain of 2 Triple 2 1Video Multiplexer
logo
Intersil Corporation
EL5134 INTERSIL-EL5134_06 Datasheet
1Mb / 12P
   650MHz, Gain of 5, Low Noise Amplifiers
logo
Burr-Brown (TI)
OPA3693 BURR-BROWN-OPA3693_07 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3693 BURR-BROWN-OPA3693 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com