Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6556CGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT6556CGN
Description  750MHz Gain of 1 Triple 2:1Video Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6556CGN Datasheet(HTML) 5 Page - Linear Technology

  LT6556CGN Datasheet HTML 1Page - Linear Technology LT6556CGN Datasheet HTML 2Page - Linear Technology LT6556CGN Datasheet HTML 3Page - Linear Technology LT6556CGN Datasheet HTML 4Page - Linear Technology LT6556CGN Datasheet HTML 5Page - Linear Technology LT6556CGN Datasheet HTML 6Page - Linear Technology LT6556CGN Datasheet HTML 7Page - Linear Technology LT6556CGN Datasheet HTML 8Page - Linear Technology LT6556CGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT6556
5
6556f
FREQUENCY (MHz)
–80
–40
0
–100
–60
–20
0.1
10
100
1000
6556 G16
–120
1
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
DRIVE IN A;
SELECT IN B
DRIVE IN B;
SELECT IN A
FREQUENCY (MHz)
–80
–40
0
–100
–60
–20
0.1
10
100
1000
6556 G17
–120
1
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
WORST
ADJACENT
ALL CHANNELS
DRIVEN
FREQUENCY (MHz)
–3
0
3
6
0.1
10
100
1000
6555 G15
–6
1
9
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
CL = 15pF
CL = 0pF
CL = 6.8pF
CL = 3.3pF
CL = 10pF
FREQUENCY (MHz)
–4
–2
–1
1
3
2
0.1
10
100
1000
6556 G13
–6
1
0
–3
–5
VS = ±5V
RL = 1k
TA = 25°C
VOUT = 2VP-P
VOUT = 4VP-P
VOUT = 200mVP-P
FREQUENCY (MHz)
–0.05
0.05
0.15
–0.10
0
0.10
0.1
10
100
1000
6556 G14
–0.15
1
IN3B
IN2B
IN3A
VS = ±5V
VOUT = 200mVP-P
RL = 1k
TA = 25°C
IN1A
IN1B
IN2A
FREQUENCY (MHz)
–100
–80
–60
–40
–20
0.01
1
10
100
6556 G18
–120
0.1
0
–110
–90
–70
–50
–30
–10
VS = ±5V
VOUT = 2VP-P
RL = 1k
TA = 25°C
HD2
HD3
FREQUENCY (MHz)
20
40
70
10
30
50
60
0.001
0.1
1
10
100
6556 G12
0
0.01
±PSRR
–PSRR
+PSRR
VS = ±5V
TA = 25°C
FREQUENCY (kHz)
0.001
0.01
1
10
100
0.1
1000
100
10
1
in
VS = ±5V
TA = 25°C
en
6556 G10
6556 G11
FREQUENCY (MHz)
0.01
0.1
10
100
1000
1
1000
100
10
1
0.1
VS = ±5V
VIN = 0V
TA = 25°C
Input Noise Spectral Density
Input Impedance vs Frequency
PSRR vs Frequency
Frequency Response
vs Output Amplitude
Gain Flatness vs Frequency
Frequency Response with
Capacitive Loads
Crosstalk vs Frequency
Crosstalk vs Frequency
Harmonic Distortion vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT6556CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6556 LINER-LT6556 Datasheet
258Kb / 16P
   750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6556 LINER-LT6556_15 Datasheet
258Kb / 16P
   750MHz Gain of 1 Triple 2:1Video Multiplexer
More results

Similar Description - LT6556CGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6556 LINER-LT6556_15 Datasheet
258Kb / 16P
   750MHz Gain of 1 Triple 2:1Video Multiplexer
LT6555IGN LINER-LT6555IGN Datasheet
356Kb / 16P
   650MHz Gain of 2 Triple 2 1Video Multiplexer
LT6555 LINER-LT6555_15 Datasheet
370Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
LT6555 LINER-LT6555 Datasheet
364Kb / 16P
   650MHz Gain of 2 Triple 2:1Video Multiplexer
logo
ON Semiconductor
MC100LVEL59 ONSEMI-MC100LVEL59 Datasheet
98Kb / 3P
   Triple 2:1 Multiplexer
1996 REV 1
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
   500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
logo
Micrel Semiconductor
SY10E457 MICREL-SY10E457_06 Datasheet
63Kb / 4P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10E457 ONSEMI-MC10E457 Datasheet
110Kb / 5P
   TRIPLE DIFFERENTIAL 2:1 MULTIPLEXER
1996 REV 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com