Electronic Components Datasheet Search |
|
AGLP060-V2FVQ289PP Datasheet(PDF) 1 Page - Actel Corporation |
|
AGLP060-V2FVQ289PP Datasheet(HTML) 1 Page - Actel Corporation |
1 / 14 page December 2008 I © 2008 Actel Corporation IGLOO PLUS Low-Power Flash FPGAs with Flash*Freeze Technology Features and Benefits Low Power • 1.2 V to 1.5 V Core Voltage Support for Low Power • Supports Single-Voltage System Operation • 5 µW Power Consumption in Flash*Freeze Mode • Low-Power Active FPGA Operation • Flash*Freeze Technology Enables Ultra-Low Power Consumption while Maintaining FPGA Content • Configurable Hold Previous State, Tristate, HIGH, or LOW State per I/O in Flash*Freeze Mode • Easy Entry To / Exit From Ultra-Low-Power Flash*Freeze Mode Feature Rich • 30 k to 125 k System Gates • Up to 36 kbits of True Dual-Port SRAM • Up to 212 User I/Os Reprogrammable Flash Technology • 130-nm, 7-Layer Metal, Flash-Based CMOS Process • Live-at-Power-Up (LAPU) Level 0 Support • Single-Chip Solution • Retains Programmed Design When Powered Off In-System Programming (ISP) and Security • Secure ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption via JTAG (IEEE 1532–compliant)† •FlashLock® to Secure FPGA Contents High-Performance Routing Hierarchy • Segmented, Hierarchical Routing and Clock Structure Advanced I/O • 1.2 V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation • Bank-Selectable I/O Voltages—4 Banks per Chip on All IGLOO® PLUS Devices • Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V / 1.2 V • Selectable Schmitt Trigger Inputs • I/O Registers on Input, Output, and Enable Paths • Hot-Swappable and Cold-Sparing I/Os • Programmable Output Slew Rate and Drive Strength • Weak Pull-Up/-Down • IEEE 1149.1 (JTAG) Boundary Scan Test • Pin-Compatible Small-Footprint Packages across the IGLOO PLUS Family Clock Conditioning Circuit (CCC) and PLL† • Six CCC Blocks, One with an Integrated PLL • Configurable Phase Shift, Multiply/Divide, Delay Capabilities, and External Feedback • Wide Input Frequency Range (1.5 MHz up to 250 MHz) Embedded Memory • 1 kbit of FlashROM User Nonvolatile Memory • SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)† • True Dual-Port SRAM (except ×18)† ® † The AGLP030 device does not support this feature. Table 1-1 • IGLOO PLUS Product Family IGLOO PLUS Devices AGLP030 AGLP060 AGLP125 System Gates 30 k 60 k 125 k Typical Equivalent Macrocells 256 512 1,024 VersaTiles (D-flip-flops) 792 1,584 3,120 Flash*Freeze Mode (typical, µW) 5 10 16 RAM kbits (1,024 bits) –18 36 4,608-Bit Blocks –4 8 Secure (AES) ISP –Yes Yes FlashROM Bits 1 k1 k1 k Integrated PLL in CCCs 1 – 1 1 VersaNet Globals 2 618 18 I/O Banks 44 4 Maximum User I/Os 120 157 212 Package Pins CS VQ CS201, CS289 VQ128 CS201, CS289 VQ176 CS281, CS289 Notes: 1. AGLP060 in CS201 does not support the PLL. 2. Six chip (main) and twelve quadrant global networks are available for AGLP060 and AGLP125. v1.3 |
Similar Part No. - AGLP060-V2FVQ289PP |
|
Similar Description - AGLP060-V2FVQ289PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |