Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6559CUD Datasheet(PDF) 9 Page - Linear Technology

Part # LT6559CUD
Description  Low Cost 5V/짹5V 300MHz Triple Video Amplifi er in 3mm3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6559CUD Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6559CUD Datasheet HTML 5Page - Linear Technology LT6559CUD Datasheet HTML 6Page - Linear Technology LT6559CUD Datasheet HTML 7Page - Linear Technology LT6559CUD Datasheet HTML 8Page - Linear Technology LT6559CUD Datasheet HTML 9Page - Linear Technology LT6559CUD Datasheet HTML 10Page - Linear Technology LT6559CUD Datasheet HTML 11Page - Linear Technology LT6559CUD Datasheet HTML 12Page - Linear Technology LT6559CUD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6559
9
6559f
APPLICATIONS INFORMATION
internal capacitance. At a gain of 2 with 301Ω feedback
and gain resistors and ±5V supplies, the output slew rate
is typically 800V/µs. Larger feedback resistors will reduce
the slew rate as will lower supply voltages.
Enable/Disable
Each amplifier of the LT6559 has a unique high imped-
ance, zero supply current mode which is controlled by its
own
⎯E⎯N pin. These amplifiers are designed to operate with
CMOS logic; the amplifiers draw 0.1µA of current when
these pins are high or floated. To activate each amplifier,
its
⎯E⎯N pin is normally pulled to a logic low. However, sup-
ply current will vary as the voltage between the V+ supply
and
⎯E⎯N is varied. As seen in Figure 1, +IS does vary with
(V+ – V⎯E⎯N), particularly when the voltage difference is less
than 3V. For normal operation, it is important to keep the
⎯E⎯N pin at least 3V below the V+ supply. If a V+ of less than
3V is used, for the amplifier to remain enabled at all times
the
⎯E⎯N pin should be tied to the Vsupply. The enable pin
current is approximately 30µA when activated. If using
CMOS open-drain logic, an external 1k pull-up resistor is
recommended to ensure that the LT6559 remains disabled
regardless of any CMOS drain-leakage currents.
Differential Input Signal Swing
To avoid any breakdown condition on the input transis-
tors, the differential input swing must be limited to ±5V.
In normal operation, the differential voltage between the
input pins is small, so the ±5V limit is not an issue. In
the disabled mode however, the differential swing can be
the same as the input swing, and there is a risk of device
breakdown if the input voltage range has not been properly
considered.
V + – VEN (V)
0
0
0.5
1.5
2.0
2.5
5.0
3.5
2
4
5
6559 F01
1.0
4.0
4.5
3.0
1
3
6
7
TA = 25°C
V + = 5V
V = – 5V
V = 0V
Figure 1. +IS vs (V
+ – V⎯E⎯N)
The enable/disable times are very fast when driven from
standard 5V CMOS logic. Each amplifier enables in about
30ns (50% point to 50% point) while operating on ±5V
supplies (Figure 2). Likewise, the disable time is approxi-
mately 40ns (50% point to 50% point) (Figure 3).
Figure 2. Amplifier Enable Time, AV = 2
Figure 3. Amplifier Disable Time, AV = 2
2V
0V
5V
0V
OUTPUT
6559 F02
VS = ±5V
VIN = 1V
RF = 301Ω
RG = 301Ω
RL = 100Ω
EN
6559 F03
VS = ±5V
VIN = 1V
RF = 301Ω
RG = 301Ω
RL = 100Ω
2V
0V
5V
0V
OUTPUT
EN


Similar Part No. - LT6559CUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6559 LINER-LT6559 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
More results

Similar Description - LT6559CUD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
   Backlight and Flash Driver in QFN 3mm x 3mm
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
   Dual UCap LDO in 3mm 횞 3mm MLF?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com