Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6604CUFF-5-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT6604CUFF-5-TRPBF
Description  Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6604CUFF-5-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6604CUFF-5-TRPBF Datasheet HTML 4Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 5Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 6Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 7Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 8Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 9Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 10Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 11Page - Linear Technology LT6604CUFF-5-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6604-5
8
66045f
BLOCK DIAGRAM
+OUTA, – OUTA (Pins 27, 29): Output Pins. Pins 27 and
29 are the filter differential outputs for channel A. With a
typical short-circuit current limit greater than ±40mA, each
pin can drive a 100Ω and/or 50pF load to AC ground.
VMIDA (Pin 34): The VMIDA pin is internally biased at mid
supply, see Block Diagram. For single supply operation
the VMIDA pin should be bypassed with a quality 0.01μF
ceramic capacitor to Pins V. For dual supply operation,
Pin 34 can be bypassed or connected to a high quality DC
ground. A ground plane should be used. A poor ground
will increase noise and distortion. Pin 34 sets the output
common mode voltage of the 1st stage of the filter in chan-
nel A. It has a 5.5kΩ impedance, and it can be overridden
with an external low impedance voltage source.
Exposed Pad (Pin 35): V. The Exposed Pad must be
soldered to PCB. If Vis separate from ground, tie the
Exposed Pad to V.
PIN FUNCTIONS
+ –
+
VOCM
+
+
VOCM
806Ω
806Ω
400Ω
400Ω
400Ω
400Ω
V+A
V
11k
11k
OP AMP
LOWPASS
FILTER STAGE
VIN
A
VIN
+
A
RIN
RIN
66045 BD
VOCMB
VOCMA
V
NC
NC
NC
NC
NC
NC
V+B
NC
NC
–OUTA
+OUTA
NC
NC
NC
V
V+A
–OUTB
+OUTB
NC
NC
NC
NC
V
NC
V
VMIDA
–INA
+INA
+ –
+
VOCM
+
+
VOCM
806Ω
806Ω
400Ω
400Ω
400Ω
400Ω
V+B
V
11k
11k
OP AMP
LOWPASS
FILTER STAGE
VMIDB
VIN
+
B
RIN
+INB
VIN
B
RIN
–INB


Similar Part No. - LT6604CUFF-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604CUFF-10-PBF LINER-LT6604CUFF-10-PBF Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6604CUFF-15-PBF LINER-LT6604CUFF-15-PBF Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604CUFF-2.5-PBF LINER-LT6604CUFF-2.5-PBF Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604CUFF-2.5-TRPBF LINER-LT6604CUFF-2.5-TRPBF Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
More results

Similar Description - LT6604CUFF-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com