Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600IS8-15-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT6600IS8-15-TRPBF
Description  Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600IS8-15-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LT6600IS8-15-TRPBF Datasheet HTML 1Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 2Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 3Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 4Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 5Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 6Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 7Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 8Page - Linear Technology LT6600IS8-15-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LT6600-15
1
660015fa
TYPICAL APPLICATION
DESCRIPTION
Very Low Noise, Differential
Amplifier and 15MHz Lowpass Filter
The LT®6600-15 combines a fully differential amplifier with a
4th order 15MHz lowpass filter approximating a Chebyshev
frequency response. Most differential amplifiers require
many precision external components to tailor gain and
bandwidth. In contrast, with the LT6600-15, two external
resistors program differential gain, and the filter’s 15MHz
cutoff frequency and passband ripple are internally set.
The LT6600-15 also provides the necessary level shifting
to set its output common mode voltage to accommodate
the reference voltage requirements of A/Ds.
Using a proprietary internal architecture, the LT6600-15
integrates an antialiasing filter and a differential amplifier/
driver without compromising distortion or low noise perfor-
mance. At unity gain the measured in band signal-to-noise
ratio is an impressive 76dB. At higher gains the input
referred noise decreases so the part can process smaller
input differential signals without significantly degrading
the output signal-to-noise ratio.
The LT6600-15 also features low voltage operation. The
differential design provides outstanding performance for
a 2VP-P signal level while the part operates with a single
3V supply.
The LT6600-15 is packaged in an SO-8 and is pin compat-
ible with stand alone differential amplifiers.
An 8192 Point FFT Spectrum
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
FEATURES
APPLICATIONS
n Programmable Differential Gain via Two External
Resistors
n Adjustable Output Common Mode Voltage
n Operates and Specified with 3V, 5V, ±5V Supplies
n 0.5dB Ripple 4th Order Lowpass Filter with 15MHz
Cutoff
n 76dB S/N with 3V Supply and 2VP-P Output
n Low Distortion, 2VP-P, 800Ω Load, VS = 3V
1MHz: 86dBc 2nd, 90dBc 3rd
10MHz: 63dBc 2nd, 69dBc 3rd
n Fully Differential Inputs and Outputs
n Compatible with Popular Differential Amplifier
Pinouts
n SO-8 Package
n High Speed ADC Antialiasing and DAC Smoothing in
Networking or Cellular Base Station Applications
n High Speed Test and Measurement Equipment
n Medical Imaging
n Drop-in Replacement for Differential Amplifiers
+
+
RIN
536Ω
RIN
536Ω
0.01μF
0.1μF
25Ω
25Ω
5.6pF
3V
3V
+
VMID
VOCM
VIN
VCM
AIN
V+
V
DOUT
LT6600-15
LTC2249
3
4
1
7
2
8
5
6
660015 TA01a
GAIN = 536Ω/RIN
2.2μF
5.6pF
5.6pF
FREQUENCY (MHz)
0
–60
–30
–20
40
660015 TA01b
–70
–80
–120
10
20
30
–100
0
–10
–40
–50
–90
–110
INPUT 10.7MHz
2VP-P
fSAMPLE = 80MHz


Similar Part No. - LT6600IS8-15-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600IS8-10 LINER-LT6600IS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
More results

Similar Description - LT6600IS8-15-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_09 Datasheet
193Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com