Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6600CDF-2.5-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT6600CDF-2.5-TRPBF
Description  Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6600CDF-2.5-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LT6600CDF-2.5-TRPBF Datasheet HTML 1Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 2Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 3Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 4Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 5Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 6Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 7Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 8Page - Linear Technology LT6600CDF-2.5-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT6600-2.5
3
660025fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Unless otherwise specified VS = 5V (V+ = 5V, V= 0V), RIN = 1580Ω, and RLOAD = 1k.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
l
–34
–31
dB
VIN = 2VP-P, fIN = 12.5MHz (Gain Relative to 260kHz)
l
–51
dB
Filter Gain, VS = 5V
VIN = 2VP-P, fIN = DC to 260kHz
–0.5
–0.1
0.4
dB
RIN = 1580Ω
VIN = 2VP-P, fIN = 700kHz (Gain Relative to 260kHz)
l
–0.15
0
0.1
dB
VIN = 2VP-P, fIN = 2.2MHz (Gain Relative to 260kHz)
l
–0.2
0.2
0.6
dB
VIN = 2VP-P, fIN = 2.2MHz (Gain Relative to 260kHz)
l
–0.6
0.1
0.5
dB
VIN = 2VP-P, fIN = 2.5MHz (Gain Relative to 260kHz)
l
–2.1
–0.9
0
dB
VIN = 2VP-P, fIN = 7.5MHz (Gain Relative to 260kHz)
l
–34
–31
dB
VIN = 2VP-P, fIN = 12.5MHz (Gain Relative to 260kHz)
l
–51
dB
Filter Gain, VS = ±5V
VIN = 2VP-P, fIN = DC to 260kHz
–0.6
–0.1
0.4
dB
Filter Gain, RIN = 402Ω
VIN = 2VP-P, fIN = DC to 260kHz, VS = 3V
VIN = 2VP-P, fIN = DC to 260kHz, VS = 5V
VIN = 2VP-P, fIN = DC to 260kHz, VS = ±5V
11.3
11.3
11.2
11.8
11.8
11.7
12.3
12.3
12.2
dB
dB
dB
Filter Gain Temperature Coefficient (Note 2) fIN = 260kHz, VIN = 2VP-P
780
ppm/C
Noise
Noise BW = 10kHz to 2.5MHz
51
μVRMS
Distortion (Note 4)
1MHz, 1VRMS, RL = 800Ω
2nd Harmonic
3rd Harmonic
95
88
dBc
dBc
Differential Output Swing
Measured Between Pins 4 and 5
VS = 5V
VS = 3V
l
l
8.8
5.1
9.3
5.5
VP-P DIFF
VP-P DIFF
Input Bias Current
Average of Pin 1 and Pin 8
l
–35
–15
μA
Input Referred Differential Offset
RIN = 1580Ω, Differential Gain = 1V/V
VS = 3V
VS = 5V
VS = ±5V
l
l
l
5
5
5
25
30
35
mV
mV
mV
RIN = 402Ω, Differential Gain = 4V/V
VS = 3V
VS = 5V
VS = ±5V
l
l
l
3
3
3
13
16
20
mV
mV
mV
Differential Offset Drift
10
μV/°C
Input Common Mode Voltage (Note 3)
Differential Input = 500mVP-P,
VS = 3V
RIN ≥ 402Ω
VS = 5V
VS = ±5V
l
l
l
0.0
0.0
–2.5
1.5
3.0
1.0
V
V
V
Output Common Mode Voltage (Note 5)
Differential Input = 2VP-P,
VS = 3V
Pin 7 at Mid-Supply
VS = 5V
VS = ±5V
l
l
l
1.0
1.5
–1.0
1.5
3.0
2.0
V
V
V
Output Common Mode Offset
(with Respect to Pin 2)
VS = 3V
VS = 5V
VS = ±5V
l
l
l
–25
–30
–55
10
5
–10
45
45
35
mV
mV
mV
Common Mode Rejection Ratio
63
dB
Voltage at VMID (Pin 7)
VS = 5V (S8)
VS = 5V (DFN)
VS = 3V
l
l
2.46
2.45
2.51
2.51
1.5
2.55
2.56
V
V
V
VMID Input Resistance
l
4.3
5.7
7.7
VOCM Bias Current
VOCM = VMID = VS /2
VS = 5V
VS = 3V
l
l
–15
–10
–3
–3
μA
μA
Power Supply Current
VS = 3V, VS = 5V
VS = 3V, VS = 5V
VS = ±5V
l
l
26
28
30
33
36
mA
mA
mA


Similar Part No. - LT6600CDF-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600CS8-10 LINER-LT6600CS8-10 Datasheet
221Kb / 12P
   Very Low Noise, Differential Amplifier and 10MHz Lowpass Filter
LT6600CS8-15 LINER-LT6600CS8-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600CS8-15-PBF LINER-LT6600CS8-15-PBF Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600CS8-15-TR LINER-LT6600CS8-15-TR Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600CS8-15-TRPBF LINER-LT6600CS8-15-TRPBF Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
More results

Similar Description - LT6600CDF-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6600-2.5 LINER-LT6600-2.5_15 Datasheet
233Kb / 16P
   Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6604-2.5 LINER-LT6604-2.5 Datasheet
200Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 2.5MHz Lowpass Filter
LT6600-10 LINER-LT6600-10_15 Datasheet
204Kb / 16P
   Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
LT6600-5 LINER-LT6600-5_15 Datasheet
160Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6600-15 LINER-LT6600-15 Datasheet
156Kb / 12P
   Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6600-20 LINER-LT6600-20_15 Datasheet
180Kb / 12P
   Very Low Noise, Differential Amplifi er and 20MHz Lowpass Filter
LT6600-5 LINER-LT6600-5 Datasheet
153Kb / 12P
   Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-5 LINER-LT6604-5 Datasheet
182Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 5MHz Lowpass Filter
LT6604-15 LINER-LT6604-15 Datasheet
202Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 15MHz Lowpass Filter
LT6604-10 LINER-LT6604-10 Datasheet
204Kb / 16P
   Dual Very Low Noise, Differential Amplifi er and 10MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com