Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6660KCDC-2.5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT6660KCDC-2.5
Description  Tiny Micropower Precision Series References in 2mm2mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6660KCDC-2.5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6660KCDC-2.5 Datasheet HTML 4Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 5Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 6Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 7Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 8Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 9Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 10Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 11Page - Linear Technology LT6660KCDC-2.5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LT6660
9
6660fa
HYSTERESIS (ppm)
–240
–160
–80
0
8
70
°C TO 25°C
0
°C TO 25°C
10
12
6660 F06
6
4
80
160
–200
–120
–40
40
120
200
2
0
18
16
14
240
WORST-CASE HYSTERESIS
ON 40 UNITS
HYSTERESIS (ppm)
–600
–400
–200
0
4
85
°C TO 25°C
–40
°C TO 25°C
5
6
6660 F07
3
2
200
400
–500
–300
–100
100
300
500
1
0
9
8
7
600
WORST-CASE HYSTERESIS
ON 34 UNITS
Figure 6. 0°C to 70°C Hysteresis
Figure 7. –40°C to 85°C Hysteresis
Figure 5. Typical Long-Term Drift
HOURS
–150
–50
50
150
–100
0
100
200
400
600
800
6660 F05
1000
100
0
300
500
700
900
APPLICATIO S I FOR ATIO
Table 1 gives the maximum output capacitance for vari-
ous load currents and output voltages to avoid instability.
Load capacitors with low ESR (effective series resistance)
cause more ringing than capacitors with higher ESR such
as polarized aluminum or tantalum capacitors.
Table 1. Maximum Output Capacitance
VOLTAGE
OPTION
IOUT = 100µA IOUT = 1mA IOUT = 10mA IOUT = 20mA
2.5V
>10µF
>10µF
2µF
0.68µF
3V
>10µF
>10µF
2µF
0.68µF
3.3V
>10µF
>10µF
1µF
0.68µF
5V
>10µF
>10µF
1µF
0.68µF
10V
>10µF
1µF
0.15µF
0.1µF
Long-Term Drift
Long-termdriftcannotbeextrapolatedfromaccelerated
high temperature testing. This erroneous technique
gives drift numbers that are wildly optimistic. The only
way long-term drift can be determined is to measure it
over the time interval of interest. The LT6660 long-term
drift data was taken on over 100 parts that were soldered
into PC boards similar to a “real world” application. The
boards were then placed into a constant temperature oven
with TA = 30°C, their outputs were scanned regularly and
measured with an 8.5 digit DVM. Figure 5 shows typical
long-term drift of the LT6660s.
Hysteresis
Hysteresis data shown in Figure 6 and Figure 7 represents
the worst-case data taken on parts from 0°C to 70°C and
from –40°C to 85°C. The output is capable of dissipat-
ing relatively high power, i.e., for the LT6660-2.5, PD =
17.5V • 20mA = 350mW. The thermal resistance of the
DFN package is 102°C/W and this dissipation causes a
36°C internal rise. This elevated temperature may cause
the output to shift due to thermal hysteresis. For highest
performance in precision applications, do not let the
LT6660’s junction temperature exceed 85°C.
Input Capacitance
It is recommended that a 0.1µF or larger capacitor be
added to the input pin of the LT6660. This can help with
stability when large load currents are demanded.


Similar Part No. - LT6660KCDC-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT6660 LINER-LT6660 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT6660 LINER-LT6660 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6660 LINER-LT6660 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LT6660 LINER-LT6660 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
More results

Similar Description - LT6660KCDC-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com