Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1225DXV-FPQB Datasheet(PDF) 4 Page - Actel Corporation

Part # A1225DXV-FPQB
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1225DXV-FPQB Datasheet(HTML) 4 Page - Actel Corporation

  A1225DXV-FPQB Datasheet HTML 1Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 2Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 3Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 4Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 5Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 6Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 7Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 8Page - Actel Corporation A1225DXV-FPQB Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 84 page
background image
Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F a milie s
4
Discontinued – v3.0
176-Pin Thin Plastic Quad Flat Pack (TQFP)
A32100DXV Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
176-Pin Thin Plastic Quad Flat Pack (TQFP)
A32140DX Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
160-Pin Plastic Quad Flat Pack (PQFP)
176-Pin Thin Plastic Quad Flat Pack (TQFP)
208-Pin Plastic Quad Flat Pack (PQFP)
256-Pin Ceramic Quad Flat Pack (CQFP)
A32140DXV Device
84-Pin Plastic Leaded Chip Carrier (PLCC)
176-Pin Thin Plastic Quad Flat Pack (TQFP)
A32200DX Device
208-Pin Plastic Quad Flat Pack (PQFP)
208-Pin Plastic Power Quad Flat Pack (RQFP)
240-Pin Plastic Power Quad Flat Pack (RQFP)
208-Pin Ceramic Quad Flat Pack (CQFP)
256-Pin Ceramic Quad Flat Pack (CQFP)
A32200DXV Device
208-Pin Plastic Quad Flat Pack (PQFP)
240-Pin Plastic Power Quad Flat Pack (RQFP)
A32300DX Device
208-Pin Plastic Power Quad Flat Pack (RQFP)
240-Pin Plastic Power Quad Flat Pack (RQFP)
256-Pin Ceramic Quad Flat Pack (CQFP)
A32300DXV Device
208-Pin Plastic Power Quad Flat Pack (RQFP)
240-Pin Plastic Power Quad Flat Pack (RQFP)
Pr oduc t Plan (Continued)
Speed Grade*
Application
–F
Std
–1–2–3
C
I
M
B
Contact your Actel sales representative for product availability.
Applications:
C
= Commercial
Availability:
✔ = Available
*Speed Grade:
–1 = Approx. 15% faster than Standard
I
= Industrial
P
= Planned
–2 = Approx. 25% faster than Standard
M
= Military
— = Not Planned
–3 = Approx. 35% faster than Standard
–F = Approx. 40% slower than Standard
Only Std, –1, –2 Speed Grade
Only Std, –1 Speed Grade


Similar Part No. - A1225DXV-FPQB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1225 ETC1-A1225 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
325Kb / 12P
   Hall Effect Latch for High Temperature Operation
logo
Crydom Inc.,
A1225 CRYDOM-A1225 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A1225 CRYDOM-A1225 Datasheet
747Kb / 7P
   panel mount
logo
Allegro MicroSystems
A1225 ALLEGRO-A1225 Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
More results

Similar Description - A1225DXV-FPQB

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com