Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6703CDC-3-TRMPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT6703CDC-3-TRMPBF
Description  Micropower, Low Voltage Comparator with 400mV Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6703CDC-3-TRMPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6703CDC-3-TRMPBF Datasheet HTML 3Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 4Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 5Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 6Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 7Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 8Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 9Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 10Page - Linear Technology LT6703CDC-3-TRMPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT6703-2/LT6703-3
7
670323fa
Hysteresis vs Temperature
Hysteresis vs Temperature
Hysteresis vs Supply Voltage
TEMPERATURE (
°C)
–60 –40
6
7
8
100 120
670323 G07
5
4
–20
0
20406080
3
10
9
2
FOUR TYPICAL PARTS
VS = 5V
#1
#2
#3
#4
TEMPERATURE (
°C)
–60 –40
6
7
8
100 120
670323 G08
5
4
–20
0
20406080
3
10
9
2
VS = 1.4V
VS = 5V
VS = 12V
VS = 18V
SUPPLY VOLTAGE (V)
6
7
8
670323 G09
5
4
24
16
14
18
6
810
12
3
10
9
2
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Supply Voltage
Quiescent Supply Current
vs Supply Voltage
Start-Up Supply Current
SUPPLY VOLTAGE (V)
–5
–3
–1
1
–4
–2
0
1.3
1.7
670323 G10
1.9
1.1
0.9
1.5
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
SUPPLY VOLTAGE (V)
1.4
3.4
6
7
8
15.4
13.4
17.4
670323 G11
5
4
5.4
7.4
9.4 11.4
10
9
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C
NO LOAD CURRENT
SUPPLY VOLTAGE (V)
0
30
40
50
0.8
670323 G12
20
10
0
0.2
0.4
0.6
1.0
1.2
1.4
TA = 25°C
TA = 85°C
TA = 125°C
TA = –55°C


Similar Part No. - LT6703CDC-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703CDC-3TRMPBF LINER-LT6703CDC-3TRMPBF Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703CDC-3TRPBF LINER-LT6703CDC-3TRPBF Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
More results

Similar Description - LT6703CDC-3-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6703-2 LINER-LT6703-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-2 LINER-LT6703HV-2_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703HV-3 LINER-LT6703HV-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-3 LINER-LT6703-3_15 Datasheet
187Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6703-2 LINER-LT6703-2_1 Datasheet
182Kb / 14P
   Micropower, Low Voltage Comparator with 400mV Reference
LT6700 LINER-LT6700 Datasheet
289Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Dimensions Semic...
LT6700CS6-3TRMPBF LINEAR_DIMENSIONS-LT6700CS6-3TRMPBF Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
logo
Linear Technology
LT6700CDCB-3 LINER-LT6700CDCB-3 Datasheet
412Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700HV LINER-LT6700HV_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
LT6700 LINER-LT6700_15 Datasheet
455Kb / 20P
   Micropower, Low Voltage, Dual Comparator with 400mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com