Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6660JCDC-3.3 Datasheet(PDF) 3 Page - Linear Technology

Part # LT6660JCDC-3.3
Description  Tiny Micropower Precision Series References in 2mm2mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6660JCDC-3.3 Datasheet(HTML) 3 Page - Linear Technology

  LT6660JCDC-3.3 Datasheet HTML 1Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 2Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 3Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 4Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 5Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 6Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 7Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 8Page - Linear Technology LT6660JCDC-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT6660
3
6660fa
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VOUT + 2.5V, IOUT = 0 unless otherwise specified.
ELECTRICAL CHARACTERISTICS
OUTPUT VOLTAGE
(V)
SPECIFIED TEMPERATURE
RANGE
ACCURACY
(%)
TEMPERATURE
COEFFICIENT (ppm/°C)
PART ORDER
NUMBER
5
5
5
0°C to 70°C
0°C to 70°C
0°C to 70°C
0.2
0.4
0.5
20
20
50
LT6660HCDC-5
LT6660JCDC-5
LT6660KCDC-5
10
10
10
0°C to 70°C
0°C to 70°C
0°C to 70°C
0.2
0.4
0.5
20
20
50
LT6660HCDC-10
LT6660JCDC-10
LT6660KCDC-10
AVAILABLE OPTIONS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Tolerance
LT6660HCDC
–0.2
0.2
%
LT6660JCDC
–0.4
0.4
%
LT6660KCDC
–0.5
0.5
%
Output Voltage Temperature Coefficient (Note 4)
LT6660HCDC
LT6660JCDC
LT6660KCDC
10
10
25
20
20
50
ppm/°C
ppm/°C
ppm/°C
Line Regulation
VOUT + 0.9V ≤ VIN ≤ VOUT + 2.5V
150
800
1000
ppm/V
ppm/V
VOUT + 2.5V ≤ VIN ≤ 20V
50
100
130
ppm/V
ppm/V
Load Regulation Sourcing (Note 5)
IOUT = 100µA
1000
3000
4000
ppm/mA
ppm/mA
IOUT = 10mA
50
200
300
ppm/mA
ppm/mA
IOUT = 20mA
20
70
100
ppm/mA
ppm/mA
Thermal Regulation (Note 6)
ΔP = 200mW
2.5
10
ppm/mW
Dropout Voltage (Note 7)
VIN – VOUT, ΔVOUT ≤ 0.2%, IOUT = 0
0.9
V
VIN – VOUT, ΔVOUT ≤ 0.2%, IOUT = 10mA
1.3
1.4
V
V
Output Current
Short VOUT to GND
40
mA
Reverse Leakage
VIN = –15V
0.5
10
µA
Output Voltage Noise (Note 8)
0.1Hz ≤ f ≤ 10Hz
10Hz ≤ f ≤ 1kHz
4
4
ppm (P-P)
ppm (RMS)
Long-Term Stability of Output Voltage (Note 9)
100
ppm/√kHr
Hysteresis (Note 10)
ΔT = 0°C to 70°C
ΔT = –40°C to 85°C
50
250
ppm
ppm
Supply Current
LT6660-2.5
115
145
175
µA
µA
LT6660-3
145
180
220
µA
µA
LT6660-3.3
145
180
220
µA
µA
LT6660-5
160
200
240
µA
µA
LT6660-10
215
270
350
µA
µA


Similar Part No. - LT6660JCDC-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LT6660 LINER-LT6660 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LT6660 LINER-LT6660 Datasheet
844Kb / 18P
   SOT-23 Precision Wide Supply High Output Drive Low Noise Reference
LT6660 LINER-LT6660 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LT6660 LINER-LT6660 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
More results

Similar Description - LT6660JCDC-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672B-1 LINER-LTC3672B-1 Datasheet
174Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com