Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC692IS8-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC692IS8-PBF
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC692IS8-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC692IS8-PBF Datasheet HTML 7Page - Linear Technology LTC692IS8-PBF Datasheet HTML 8Page - Linear Technology LTC692IS8-PBF Datasheet HTML 9Page - Linear Technology LTC692IS8-PBF Datasheet HTML 10Page - Linear Technology LTC692IS8-PBF Datasheet HTML 11Page - Linear Technology LTC692IS8-PBF Datasheet HTML 12Page - Linear Technology LTC692IS8-PBF Datasheet HTML 13Page - Linear Technology LTC692IS8-PBF Datasheet HTML 14Page - Linear Technology LTC692IS8-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC692/LTC693
11
0692fa
If battery connections are made through long wires, a
10Ω to 100Ω series resistor and a 0.1μF capacitor are
recommended to prevent any overshoot beyond VCC due
to the lead inductance (Figure 4).
Table 1 shows the state of each pin during battery backup.
When the battery switchover section is not used, connect
VBATT to GND and VOUT to VCC.
battery backed up CMOS RAM. CE OUT can also be used
to drive the Store or Write input of an EEPROM, EAROM
or NOVRAM to achieve similar protection. Figure 5 shows
the timing diagram of CE IN and CE OUT.
CE IN can be derived from the microprocessor’s address
decoder output. Figure 6 shows a typical nonvolatile CMOS
RAM application.
Memory protection can also be achieved with the LTC692
by using RESET as shown in Figure 7.
APPLICATIONS INFORMATION
3.9M
0.1μF
VBATT
LTC692
LTC693
GND
692_3 • F04
10Ω
Figure 4. 10Ω/0.1μF Combination Eliminates Inductive
Overshoot and Prevents Spurious Resets During Battery
Replacement
Table 1. Input and Output Status in Battery Backup Mode
SIGNAL
STATUS
VCC
C2 monitors VCC for active switchover
VOUT
VOUT is connected to VBATT through an internal PMOS switch
VBATT
The supply current is 1μA maximum
BATT ON
Logic high. The open-circuit output voltage is equal to VOUT
PFI
Power failure input is ignored
PFO
Logic low
RESET
Logic low
RESET
Logic high. The open-circuit output voltage is equal to VOUT
LOW LINE Logic low
WDI
Watchdog input is ignored
WDO
Logic high. The open-circuit output voltage is equal to VOUT
CE IN
Chip Enable input is ignored
CE OUT
Logic high. The open-circuit output voltage is equal to VOUT
OSC IN
OSC IN is ignored
OSC SEL
OSC SEL is ignored
Memory Protection
The LTC693 includes memory protection circuitry which
ensures the integrity of the data in memory by preventing
write operations when VCC is at an invalid level. Two ad-
ditional pins, CE IN and CE OUT, control the Chip Enable
or Write inputs of CMOS RAM. When VCC is 5V, CE OUT
follows CE IN with a typical propagation delay of 20ns.
When VCC falls below the reset voltage threshold or VBATT,
CE OUT is forced high, independent of CE IN. CE OUT is
an alternative signal to drive the CE, CS, or Write input of
VCC
V1
CE IN
VOUT = VBATT
CE OUT
VOUT = VBATT
V2
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
692_3 • F05
Figure 5. Timing Diagram for CE IN and CE OUT


Similar Part No. - LTC692IS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC692IS8 LINER-LTC692IS8 Datasheet
308Kb / 16P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC692IS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com