Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC692CS8-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC692CS8-TRPBF
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC692CS8-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC692CS8-TRPBF Datasheet HTML 1Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 2Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 3Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC692CS8-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC692/LTC693
1
0692fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Microprocessor
Supervisory Circuits
n Critical μP Power Monitoring
n Intelligent Instruments
n Battery-Powered Computers and Controllers
n Automotive Systems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
RESET Output Voltage vs
Supply Voltage
n UL Recognized
n Guaranteed Reset Assertion at VCC = 1V
n 1.5mA Maximum Supply Current
n Fast (35ns Maximum) Onboard Gating of RAM Chip
Enable Signals
n 4.40V Precision Voltage Monitor
n Power OK/Reset Time Delay: 200ms or Adjustable
n Minimum External Component Count
n 1μA Maximum Standby Current
n Voltage Monitor for Power Fail or Low-Battery
Warning
n Thermal Limiting
n Performance Specified Over Temperature
n Superior Upgrade for MAX690 Family
n SO8 and SO16 Packaging
The LTC
®692/LTC693 provide complete power supply
monitoring and battery control functions for microproces-
sor reset, battery backup, CMOS RAM write protection,
power failure warning and watchdog timing. A precise
internal voltage reference and comparator circuit monitor
the power supply line. When an out-of-tolerance condition
occurs, the reset outputs are forced to active states and the
chip enable output unconditionally write-protects external
memory. In addition, the RESET output is guaranteed to
remain logic low even with VCC as low as 1V.
The LTC692/LTC693 power the active CMOS RAMs with a
charge-pumped NMOS power switch to achieve low drop-
out and low supply current. When primary power is lost,
auxiliary power, connected to the battery input pin, powers
the RAMs in standby through an efficient PMOS switch.
For an early warning of impending power failure, the
LTC692/LTC693 provide an internal comparator with a
user-defined threshold. An internal watchdog timer is
also available, which forces the reset pins to active states
when the watchdog input is not toggled prior to a preset
time-out period.
ADJ
VIN
VOUT
10μF
VIN ≥ 7.5V
5V
100μF
0.1μF
μP NMI
μP
POWER
POWER TO
CMOS RAM
I/O LINE
μP RESET
μP
SYSTEM
0.1μF
3V
51k
10k
692_3 • TA01
LT1086-5
MICROPROCESSOR RESET, BATTERY BACKUP, POWER FAILURE
WARNING AND WATCHDOG TIMING ARE ALL IN A SINGLE CHIP
FOR MICROPROCESSOR SYSTEMS
GND
0.1μF
100Ω
+
+
LTC692
LTC693
VBATT
PFI
WDI
RESET
PFO
VOUT
VCC
SUPPLY VOLTAGE (V)
0
3
4
5
4
2
1
0
1
2
3
5
TA = 25°C
EXTERNAL PULL-UP = 10μA
VBATT = 0V
692_3 • TA02
®


Similar Part No. - LTC692CS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC692CS8 LINER-LTC692CS8 Datasheet
308Kb / 16P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC692CS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com