Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC692IS8-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC692IS8-TRPBF
Description  Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC692IS8-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC692IS8-TRPBF Datasheet HTML 1Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 2Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 3Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC692IS8-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC692/LTC693
4
0692fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = full operating range, VBATT = 2.8V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Watchdog Time-Out Period, Internal Oscillator
Long Period, VCC = 5V
l
1.2
1.0
1.6
1.6
2.00
2.25
sec
sec
Short Period, VCC = 5V
l
80
70
100
100
120
140
ms
ms
Watchdog Time-Out Period, External Clock
(Note 6)
Long Period
Short Period
4032
960
4097
1025
Clock
Cycles
Reset Active Time PSRR
1
ms/V
Watchdog Time-Out Period PSRR, Internal OSC
1
ms/V
Minimum WDI Input Pulse Width
VIL = 0.4V, VIH = 3.5V
l
200
ns
RESET Output Voltage at VCC = 1V
ISINK = 10μA, VCC = 1V
4
200
mV
RESET and LOW LINE Output Voltage
(Note 4)
ISINK = 1.6mA, VCC = 4.25V
ISOURCE = 1μA, VCC = 5V
3.5
0.4
V
V
RESET and WDO Output Voltage
(Note 4)
ISINK = 1.6mA, VCC = 5V
ISOURCE = 1μA, VCC = 4.25V
3.5
0.4
V
V
RESET, RESET, WDO, LOW LINE Output
Short-Circuit Current (Note 4)
Output Source Current
Output Sink Current
13
25
25
μA
mA
WDI Input Threshold
Logic Low
Logic High
3.5
0.8
V
V
WDI Input Current
WDI = VOUT
WDI = 0V
l
l
–50
4
–8
50
μA
μA
Power-Fail Detector
PFI Input Threshold
VCC = 5V
l
1.25
1.3
1.35
V
PFI Input Threshold PSRR
0.3
mV/V
PFI Input Current
±0.01
±25
nA
PFO Output Voltage (Note 4)
ISINK = 3.2mA
ISOURCE = 1μA
3.5
0.4
V
V
PFO Short-Circuit Source Current
(Note 4)
PFI = High, PFO = 0V
PFI = Low, PFO = VOUT
13
25
25
μA
mA
PFI Comparator Response Time (Falling)
ΔVIN = –20mV, VOD = 15mV
2μs
PFI Comparator Response Time (Rising)
(Note 4)
ΔVIN = 20mV, VOD = 15mV with 10kΩ
Pull-Up
40
8
μs
μs
Chip Enable Gating
CE IN Threshold
VIL
VIH
2.0
0.8
V
V
CE IN Pull-Up Current (Note 7)
3μA
CE OUT Output Voltage
ISINK = 3.2mA
ISOURCE = 3mA
ISOURCE = 1μA, VCC = 0V
VOUT – 1.50
VOUT – 0.05
0.4
V
V
V
CE Propagation Delay
VCC = 5V, CL = 20pF
l
20
20
35
45
ns
ns
CE OUT Output Short-Circuit Current
Output Source Current
Output Sink Current
30
35
mA
mA


Similar Part No. - LTC692IS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC692IS8 LINER-LTC692IS8 Datasheet
308Kb / 16P
   Microprocessor Supervisory Circuits
More results

Similar Description - LTC692IS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com