Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLP125-V2CS289 Datasheet(PDF) 4 Page - Actel Corporation

Part # AGLP125-V2CS289
Description  IGLOO PLUS Low-Power Flash FPGAs with FlashFreeze Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLP125-V2CS289 Datasheet(HTML) 4 Page - Actel Corporation

  AGLP125-V2CS289 Datasheet HTML 1Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 2Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 3Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 4Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 5Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 6Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 7Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 8Page - Actel Corporation AGLP125-V2CS289 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IV
v1.3
Temperature Grade Offerings
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability:
http://www.actel.com/company/contact/default.aspx.
Package
AGLP030
AGLP060
AGLP125
CS201
C, I
C, I
CS281
––
C, I
CS289
C, IC, IC, I
VQ128
C, I
VQ176
–C, I–
Notes:
1. C = Commercial temperature range: 0°C to 70°C ambient temperature.
2. I = Industrial temperature range: –40°C to 85°C ambient temperature.
Temperature Grade
–F 1
Std.
C 2
✓✓
I 3
Notes:
1. The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some
restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only
supported in the Commercial temperature range.
2. C = Commercial temperature range: 0°C to 70°C ambient temperature.
3. I = Industrial temperature range: –40°C to 85°C ambient temperature.


Similar Part No. - AGLP125-V2CS289

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLP125 MICROSEMI-AGLP125 Datasheet
6Mb / 134P
   IGLOO PLUS Low Power Flash FPGAs
logo
Actel Corporation
AGLP125 ACTEL-AGLP125 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
AGLP125V2-CS281I MICROSEMI-AGLP125V2-CS281I Datasheet
6Mb / 134P
   IGLOO PLUS Low Power Flash FPGAs
AGLP125V2-CSG289 MICROSEMI-AGLP125V2-CSG289 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
More results

Similar Description - AGLP125-V2CS289

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
AGLP125V2-CS281I MICROSEMI-AGLP125V2-CS281I Datasheet
6Mb / 134P
   IGLOO PLUS Low Power Flash FPGAs
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com