Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1240XLV-CQC Datasheet(PDF) 1 Page - Actel Corporation

Part # A1240XLV-CQC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1240XLV-CQC Datasheet(HTML) 1 Page - Actel Corporation

  A1240XLV-CQC Datasheet HTML 1Page - Actel Corporation A1240XLV-CQC Datasheet HTML 2Page - Actel Corporation A1240XLV-CQC Datasheet HTML 3Page - Actel Corporation A1240XLV-CQC Datasheet HTML 4Page - Actel Corporation A1240XLV-CQC Datasheet HTML 5Page - Actel Corporation A1240XLV-CQC Datasheet HTML 6Page - Actel Corporation A1240XLV-CQC Datasheet HTML 7Page - Actel Corporation A1240XLV-CQC Datasheet HTML 8Page - Actel Corporation A1240XLV-CQC Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
Fe bru ary 200 1
1
© 2001 Actel Corporation
Discontinued – v3.0
Integrator Series FPGAs:
1200XL and 3200DX Families
Fe atur es
Hi gh Capa ci ty
• 2,500 to 30,000 Logic Gates
• Up to 3Kbits Configurable Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Up to 250 User-Programmable I/O Pins
Hi gh P e rf orman c e
• 225 MHz Performance
• 5 ns Dual-Port SRAM Access
• 100 MHz FIFOs
• 7.5 ns 35-Bit Address Decode
Ea se- o f - In teg r a t io n
• Synthesis-Friendly Architecture Supports ASIC Design
Methodologies.
• 95–100% Device Utilization using Automatic
Place-and-Route Tools.
• Deterministic, User-Controllable Timing Via Timing
Driven Software Tools with Up To 100% Pin Fixing.
• IEEE Standard 1149.1 (JTAG) Boundary Scan Testing.
Gener al De scr i ption
Actel’s Integrator Series FPGAs are the first programmable
logic devices optimized for high-speed system logic
integration.
Based
on
Actel’s
proprietary
antifuse
technology and 0.6-micron double metal CMOS process,
Integrator Series devices offer a fine-grained, register-rich
architecture
with
embedded
dual-port
SRAM
and
wide-decode circuitry.
Integrator Series’ 3200DX and 1200XL families were
designed to integrate system logic which is typically
implemented in multiple CPLDs, PALs, and FPGAs. These
devices provide the features and performance required for
today’s complex, high-speed digital logic systems. The
3200DX family offers fast dual-port SRAM for implementing
FIFOs, LIFOs, and temporary data storage. The large
number of storage elements can efficiently address
applications requiring wide datapath manipulation and
transformation functions such as telecommunications,
networking, and DSP.
I n te grat or Ser i es Pr oduc t Pro f ile Family
1200XL
3200DX
Device
A1225XL
A1240XL
A1280XL
A3265DX
A32100DX
A32140DX
A32200DX
A32300DX
Capacity
Logic Gates1
SRAM Bits
2,500
N/A
4,000
N/A
8,000
N/A
6,500
N/A
10,000
2,048
14,000
N/A
20,000
2,560
30,000
3,072
Logic Modules
Sequential
Combinatorial
Decode
231
220
N/A
348
336
N/A
624
608
N/A
510
475
20
700
662
20
954
912
24
1,230
1,184
24
1,888
1,833
28
SRAM Modules
(64x4 or 32x8)
N/A
N/A
N/A
N/A
8
N/A
10
12
Dedicated Flip-Flops
231
348
624
510
700
954
1,230
1,888
Clocks
2
2
2
2
6
2
6
6
User I/O (Maximum)
83
104
140
126
152
176
202
250
JTAG
No
No
No
No
Yes
Yes
Yes
Yes
Packages
PL84
PQ100
VQ100
PG100
PL84 PQ100
PQ144
TQ176
PG132
PL84
PQ160 PQ208
TQ176
PG176 CQ172
PL84
PQ100
PQ160
TQ176
PL84
PQ160
PQ208
TQ176
CQ84
PL84
PQ160
PQ208
TQ176
CQ256
PQ208
RQ208
RQ240
CQ208
CQ256
RQ208
RQ240
CQ256
Note:
Logic gate capacity does not include SRAM bits as logic.
v3.0


Similar Part No. - A1240XLV-CQC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1240 ETC1-A1240 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A1240 CRYDOM-A1240 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A1240 CRYDOM-A1240 Datasheet
747Kb / 7P
   panel mount
logo
Actel Corporation
A1240 ACTEL-A1240 Datasheet
1Mb / 98P
   Highly Predictable Performance with 100% Automatic Placement and Routing
logo
Crydom Inc.,
A1240 CRYDOM-A1240 Datasheet
950Kb / 7P
   Panel Mount
More results

Similar Description - A1240XLV-CQC

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS10-12E FUJI-EDS10-12E Datasheet
63Kb / 4P
   FC SERIES INTEGRATOR
EDS10-13D FUJI-EDS10-13D Datasheet
71Kb / 2P
   FC SERIES PULSE INTEGRATOR
EDS10-17E FUJI-EDS10-17E Datasheet
131Kb / 8P
   FC SERIES ELECTRONIC INTEGRATOR
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG44 MICROSEMI-A40MX04-PLG44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Actel Corporation
A42MX16-1PQ100ES ACTEL-A42MX16-1PQ100ES Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com