Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1040 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1040
Description  Dual Micropower Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1040 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1040 Datasheet HTML 4Page - Linear Technology LTC1040 Datasheet HTML 5Page - Linear Technology LTC1040 Datasheet HTML 6Page - Linear Technology LTC1040 Datasheet HTML 7Page - Linear Technology LTC1040 Datasheet HTML 8Page - Linear Technology LTC1040 Datasheet HTML 9Page - Linear Technology LTC1040 Datasheet HTML 10Page - Linear Technology LTC1040 Datasheet HTML 11Page - Linear Technology LTC1040 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1040
1040fa
TYPICAL APPLICATIO S
Complete Heating/Cooling Automatic Thermostat
5k
TEMP
ADJUST
6.81k
4.32k
4.99k
82k*
20M
82k*
SEPARATION
(20mV)
LTC1040 • TA03
+
+
COMP B
LTC1040
+
+
COMP A
5
17
18
4
3
15
16
10
0.1
µF
10M
COOL
HEAT
9
6
7
8
14
13
12
11
20M
THERMISTOR # 44007
YELLOW SPRINGS INSTRUMENT CO., INC.
HYSTERESIS = 5V •
= 20mV
5V AT 0.85
µA
*
82k
20M
28
°C
27
°C
HEAT
COOL
TIME
LTC1040 • TA04
HEATER ON
HEATER OFF
AIRCONDITIONING OFF
AIRCONDITIONING ON
HYSTERESIS
HYSTERESIS
SEPARATION
Window Comparator with Independent Window Limits and
Fully Floating Differential Input
Hysteresis Comparator with Fully Floating Differential Input
AOUT = “1” WHEN
VIN > VU
BOUT = “1” WHEN
VIN < VL
A+B = “1” WHEN
VU ≥ VIN ≥ VL
LTC1040 • TA05
+
+
+
+
COMP A
COMP B
LTC1040
VL
VIN
VU
VIN
OUT = “0” WHEN VIN > VU =
= 0.996 VTRIP + 20mV
VTRIP
LTC1040 • TA06
V+
R2
2.49M
R1
10k
OUT
+
+
1/2 LTC1040
*
*
VTRIP R2 + (5V) R1
R1 + R2
OUT = “1” WHEN VIN < V1 =
TO CENTER HYSTERESIS ABOUT VTRIP, FORCE THIS INPUT TO
HYSTERESIS/2 (10mV)
= 0.996VTRIP
VTRIP R2
R1 + R2


Similar Part No. - LTC1040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LTC1040C LINER-LTC1040C Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040CJ LINER-LTC1040CJ Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040CN LINER-LTC1040CN Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
More results

Similar Description - LTC1040

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1017 LINER-LT1017 Datasheet
618Kb / 8P
   Micropower Dual Comparator
LT1018 LINER-LT1018_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LT1017 LINER-LT1017_15 Datasheet
225Kb / 16P
   Micropower Dual Comparator
LTC1040 LINER-LTC1040 Datasheet
1,003Kb / 12P
   Dual Micropower Comparator
LTC1040 LINER-LTC1040_15 Datasheet
227Kb / 12P
   Dual Micropower Comparator
LT1017 LINER-LT1017_1 Datasheet
222Kb / 16P
   Micropower Dual Comparator
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
[Old version datasheet]   DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
   DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com