Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1042 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1042
Description  Window Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1042 Datasheet(HTML) 7 Page - Linear Technology

  LTC1042 Datasheet HTML 1Page - Linear Technology LTC1042 Datasheet HTML 2Page - Linear Technology LTC1042 Datasheet HTML 3Page - Linear Technology LTC1042 Datasheet HTML 4Page - Linear Technology LTC1042 Datasheet HTML 5Page - Linear Technology LTC1042 Datasheet HTML 6Page - Linear Technology LTC1042 Datasheet HTML 7Page - Linear Technology LTC1042 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LTC1042
1042fa
APPLICATIO S I FOR ATIO
Wind Powered Battery Charger
A simple wind powered battery charger can be
constructed using the new LTC1042, a 12V DC permanent
magnet motor, and low cost power FET transistor.
The DC motor is used as a generator with the voltage
output being proportional to its RPM. The LTC1042
monitors the voltage output and provides the following
control functions:
1) If generator voltage output is below 13.8V, the control
circuit is active and the NiCad battery is charging
through the LM334 current source. The lead acid
battery is not being charged.
2) If the generator voltage output is between 13.8V and
15.1V, the 12V lead acid battery is being charged at
about a 1A/hour rate (limited by the power FET).
3) If generator voltage exceeds 15.1V (a condition caused
by excessive wind speed or 12V battery being fully
charged) then a fixed load is connected thus limiting
the generator RPM to prevent damage.
This charger can be used as a remote source of power
where wind energy is plentiful, such as on sailboats or
remote radio repeater sites. Unlike solar powered panels,
this system will function in bad weather and at night.
LTC1042 • A105
8
7
6
5
1
2
3
4
LTC1042
12V
GENERATOR
WIND
LM334
4.5V
NiCAD
BATTERY
215k
10k
0.1µF
MTP8N05
36Ω
5W
1N4001
MTP8N05
12V
LEAD ACID
0.1µF
0.1µF
107k
10M
WITHIN
WINDOW
13.8V TO 15.1V
OVER VOLTAGE
(>15.1V)
100k
10k
68Ω
LT1004-1.2
+
+
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1042

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042 Datasheet
233Kb / 14P
   Ultralow Power Quad
LTC1042 LINER-LTC1042 Datasheet
123Kb / 8P
   Window Comparator
LTC1042C LINER-LTC1042C Datasheet
576Kb / 8P
   Window Comparator
LTC1042CN8 LINER-LTC1042CN8 Datasheet
576Kb / 8P
   Window Comparator
More results

Similar Description - LTC1042

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1042 LINER-LTC1042 Datasheet
576Kb / 8P
   Window Comparator
LTC1042 LINER-LTC1042_15 Datasheet
123Kb / 8P
   Window Comparator
logo
Analog Devices
AD53042 AD-AD53042 Datasheet
70Kb / 4P
   High Speed Window Comparator
REV. A
AD53042 AD-AD53042_15 Datasheet
74Kb / 4P
   High Speed Window Comparator
REV. A
logo
Intersil Corporation
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Hittite Microwave Corpo...
HMC974LC3C HITTITE-HMC974LC3C Datasheet
542Kb / 8P
   10 GHz, HIGH SPEED WINDOW COMPARATOR
logo
Analog Devices
AD1317 AD-AD1317 Datasheet
286Kb / 12P
   Ultrahigh Speed Window Comparator with Latch
REV. A
HMC974LC3C AD-HMC974LC3C Datasheet
350Kb / 12P
   High Speed, 10 GHz Window Comparator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com