Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1043CN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1043CN
Description  Dual Precision Instrumentation Switched Capacitor Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1043CN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1043CN Datasheet HTML 7Page - Linear Technology LTC1043CN Datasheet HTML 8Page - Linear Technology LTC1043CN Datasheet HTML 9Page - Linear Technology LTC1043CN Datasheet HTML 10Page - Linear Technology LTC1043CN Datasheet HTML 11Page - Linear Technology LTC1043CN Datasheet HTML 12Page - Linear Technology LTC1043CN Datasheet HTML 13Page - Linear Technology LTC1043CN Datasheet HTML 14Page - Linear Technology LTC1043CN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1043
11
1043fa
Lock-In Amplifier (= Extremely Narrow-Band Amplifier)
50MHz Termal RMS/DC Converter
LTC1043 • A013
13
1/4 LTC1043
T1 = TF5SX17ZZ, TOROTEL
RT = YSI THERMISTOR 44006
≈ 6.19k AT 37.5°C
MATCH 0.05%
6.19k = VISHAY S-102
OPERATE LTC1043 WITH
±5V SUPPLIES
LOCK-IN AMPLIFIER TECHNIQUE
USED TO EXTRACT VERY SMALL
SIGNALS BURIED INTO NOISE
5V
–5V
2
6.19k
100k
10k*
10k*
100Ω
0.01µF47µF
6.19k
1
4
3
6.19k
T1
500Hz
SINE DRIVE
THERMISTOR BRIDGE
IS THE SIGNAL SOURCE
SYNCHRONOUS
DEMODULATOR
RT
3
6
+
LT1007
5V
5V
–5V
ZERO CROSSING DETECTOR
2
3
4
1
8
1k
0.002
PHASE TRIM
50k
10k
7
5V
–5V
30pF
3
2
1
8
1M
1µF
+
LM301A
5V
–5V
2
3
4
6
+
LT1012
VOUT = 1000 • DC
BRIDGE SIGNAL
12
14
16
+
LT1011
*
+
LTC1043 • A14
30k*
30k*
100k*
301Ω*
10k
DC OUTPUT
0V TO 3.5V
10k
10k
RED
RED
T1B
*1% RESISTOR
T2B
1A
N
T2
T2A
GRN
300mV
10VRMS
INPUT
0.01µF
GRN
BRN
CALIBRATION ADJUST
20k
5V
5V
5V
10k
10k
3
2
4
1
8
5
6
7
2% ACCURACY DC 50MHZ
100:1 CREST FACTOR CAPABILITY
T1 TO T2 = YELLOW SPRINGS INST. CO.
THERMISTOR COMPOSITE
ENCLOSE T1 AND T2 IN STYROFOAM
3
2
4
6
1µF
1µF
1µF
0.01µF
1µF
1/2 LTC1043
5
15
5V
18
17
16
+
+
LT1013
LT1013
TYPICAL APPLICATIO S


Similar Part No. - LTC1043CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1043CN LINER-LTC1043CN Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
More results

Similar Description - LTC1043CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1043 LINER-LT1043 Datasheet
1Mb / 16P
   DUAL PRECISION INSTRUMENTATION SWITCHED CAPACITOR BUILDING BLOCK
LTC1043 LINER-LTC1043_15 Datasheet
240Kb / 16P
   Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943 LINER-LTC6943_15 Datasheet
249Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC6943 LINER-LTC6943 Datasheet
243Kb / 16P
   Micropower, Dual Precision Instrumentation Switched Capacitor Building Block
LTC1043 LINER-LTC1043 Datasheet
1Mb / 16P
   Dual Precision Intrumentation Switched-Capacitor Building Block
LTC1043CS LINER-LTC1043CS Datasheet
126Kb / 2P
   Dual Precision Intrumentation Switched-Capacitor Building Block?
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com