Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1050CN8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1050CN8
Description  Precision Zero-Drift Operational Amplifier with Internal Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1050CN8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1050CN8 Datasheet HTML 7Page - Linear Technology LTC1050CN8 Datasheet HTML 8Page - Linear Technology LTC1050CN8 Datasheet HTML 9Page - Linear Technology LTC1050CN8 Datasheet HTML 10Page - Linear Technology LTC1050CN8 Datasheet HTML 11Page - Linear Technology LTC1050CN8 Datasheet HTML 12Page - Linear Technology LTC1050CN8 Datasheet HTML 13Page - Linear Technology LTC1050CN8 Datasheet HTML 14Page - Linear Technology LTC1050CN8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1050
1050fb
Precision Voltage Controlled Current Source
with Ground Referred Input and Output
S
APPLICATI
TYPICAL
+
8
7
14
13
17
16
11
4
LTC1043
5V
1µF
1µF
1k
12
0.001µF
VIN
100Ω
IOUT =
1050 TA10
5V
4
7
3
2
INPUT
0V TO
3.2V
6
2N2222
LTC1050
0.68µF
100Ω
Sample-and-Hold Amplifier
+
6
5
16
17
2
LTC1043
CL
0.01µF
FOR 1V ≤ VIN ≤ 4V, THE HOLD STEP IS ≤300µV.
ACQUISTION TIME IS DETERMINED BY THE SWITCH RON.
CL TIME CONSTANT
1050 TA11
2
3
NC
SAMPLE HOLD
6
VOUT
VIN
LTC1050
Ultraprecision Voltage Inverter
+
7
8
13
14
16
17
11
LTC1043
C1
1µF
C2
1µF
FOR VS = ±5V, (V
) + 1.8V < V
IN < V
+
VOUT = – VIN ±20ppm
MATCHING BETWEEN C1 AND C2 NOT REQUIRED
12
0.01µF
1050 TA12
VOUT
VIN
V+
V
4
7
2
3
6
LTC1050


Similar Part No. - LTC1050CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1050CN8 LINER-LTC1050CN8 Datasheet
814Kb / 16P
   Precision Chopper Stabilized Operational Amplifier with Internal Capacitors
More results

Similar Description - LTC1050CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
   Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_03 Datasheet
230Kb / 16P
   짹15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1150 LINER-LTC1150_15 Datasheet
244Kb / 16P
   15V Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_15 Datasheet
203Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1049 LINER-LTC1049_09 Datasheet
160Kb / 12P
   Low Power Zero-Drift Operational Amplifier with Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
   Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1053 LINER-LTC1053_15 Datasheet
304Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
   Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com