Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1062 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1062
Description  5th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1062 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1062 Datasheet HTML 4Page - Linear Technology LTC1062 Datasheet HTML 5Page - Linear Technology LTC1062 Datasheet HTML 6Page - Linear Technology LTC1062 Datasheet HTML 7Page - Linear Technology LTC1062 Datasheet HTML 8Page - Linear Technology LTC1062 Datasheet HTML 9Page - Linear Technology LTC1062 Datasheet HTML 10Page - Linear Technology LTC1062 Datasheet HTML 11Page - Linear Technology LTC1062 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1062
1062fd
AC Coupling an External CMOS Clock Powered
from a Single Positive Supply, V+
FB
AGND
V
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
0.01µF
V+
0
1062 TA03
C
VIN
V+
100k
VOUT
V
Adding an External (R1, C1) to Eliminate the Clock Feedthrough and
to Improve the High Frequency Attenuation Floor
FB
AGND
V
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
VOUT
V+
fCLK
1062 TA04
C
C1
0.01C
VIN
R
V
R1
10R
+
EXTERNAL
BUFFER
Filtering AC Signals from High DC Voltages
FB
AGND
V
DIVIDER
RATIO
BOUT
OUT
V+
COSC
1
2
3
4
8
7
6
5
LTC1062
CLK IN = fC • 100
1062 TA05
C
0.01µF
C
0.01µF
12R
309.6k
VIN
R
25.8k
V= –5V
V+ = 5V
DC OUTPUT
EXAMPLE:
fCLK = 100KHz, fC = 1kHz. THE FILTER ACCURATELY PASSES
THE HIGH DC INPUT AND ACTS AS 5TH ORDER LP FILTER
FOR THE AC SIGNALS RIDING ON THE DC
HIGH DC INPUT = 100V
fIN/fC
0.01
–1.4
–1.0
–0.6
0.2
0.1
1
1062 TA06
–0.2
–1.2
–0.8
0
–0.4
VS = ±5V
fCLK = 100kHz
Passband Amplitude Response for the
High DC Accurate 5th Order Filter
TYPICAL APPLICATIO S


Similar Part No. - LTC1062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062C LINER-LTC1062C Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062CJ8 LINER-LTC1062CJ8 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062CS LINER-LTC1062CS Datasheet
824Kb / 11P
   5th Order Lowpass Filter
More results

Similar Description - LTC1062

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
logo
Maxim Integrated Produc...
MAX280 MAXIM-MAX280 Datasheet
466Kb / 12P
   5th Order, Zero DC Error, Lowpass Filter
Rev 3; 8/95
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
logo
Linear Technology
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
logo
Linear Technology
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
   DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX7426 MAXIM-MAX7426 Datasheet
209Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1710; Rev 0; 4/00
MAX7408 MAXIM-MAX7408 Datasheet
137Kb / 12P
   5th-Order, Lowpass, Elliptic, Switched-Capacitor Filters
19-1378; Rev 1; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com