Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1064-4CN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1064-4CN
Description  Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-4CN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1064-4CN Datasheet HTML 4Page - Linear Technology LTC1064-4CN Datasheet HTML 5Page - Linear Technology LTC1064-4CN Datasheet HTML 6Page - Linear Technology LTC1064-4CN Datasheet HTML 7Page - Linear Technology LTC1064-4CN Datasheet HTML 8Page - Linear Technology LTC1064-4CN Datasheet HTML 9Page - Linear Technology LTC1064-4CN Datasheet HTML 10Page - Linear Technology LTC1064-4CN Datasheet HTML 11Page - Linear Technology LTC1064-4CN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC1064-4
9
10644fb
PACKAGE DESCRIPTIO
J Package
14-Lead CERDIP (Narrow 0.300, Hermetic)
(LTC DWG # 05-08-1110)
J14 0801
.045 – .065
(1.143 – 1.651)
.100
(2.54)
BSC
.014 – .026
(0.360 – 0.660)
.200
(5.080)
MAX
.015 – .060
(0.381 – 1.524)
.125
(3.175)
MIN
.300 BSC
(7.62 BSC)
.008 – .018
(0.203 – 0.457)
0° – 15°
1
23
4
56
7
.220 – .310
(5.588 – 7.874)
.785
(19.939)
MAX
.005
(0.127)
MIN
14
11
8
9
10
13
12
.025
(0.635)
RAD TYP
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
OBSOLETE PACKAGE


Similar Part No. - LTC1064-4CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-4CN LINER-LTC1064-4CN Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
More results

Similar Description - LTC1064-4CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-4 LINER-LTC1064-4 Datasheet
660Kb / 8P
   Low Noise,8th Order, Clock Sweepable Cauer Lowpass Filter???
LTC1064-4 LINER-LTC1064-4_15 Datasheet
145Kb / 12P
   Low Noise, 8th Order, Clock Sweepable Cauer Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com