Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1052CJ Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1052CJ
Description  Zero-Drift Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052CJ Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1052CJ Datasheet HTML 4Page - Linear Technology LTC1052CJ Datasheet HTML 5Page - Linear Technology LTC1052CJ Datasheet HTML 6Page - Linear Technology LTC1052CJ Datasheet HTML 7Page - Linear Technology LTC1052CJ Datasheet HTML 8Page - Linear Technology LTC1052CJ Datasheet HTML 9Page - Linear Technology LTC1052CJ Datasheet HTML 10Page - Linear Technology LTC1052CJ Datasheet HTML 11Page - Linear Technology LTC1052CJ Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC1052/LTC7652
8
1052fa
Figure 1b. LTC1052 Block Diagram
Sampling Cycle
THEORY OF OPERATIO
LTC1052/7652 • TO02
+
gm6
+IN
–IN
S1
S3
VREF
RL1
V
+
+
+
S2
RL5
VOUT
RL4
CEXT A
CEXT B
RL2
l3
l1
δl
l2
C1
C2
+
gm1
gm2
gm3
gm4
gm5
APPLICATIO S I FOR ATIO
EXTERNAL CAPACITORS
CEXTA and CEXTB are the holding elements of a sample-
and-hold circuit. The important capacitor characteristics
are leakage current and dielectric absorption. A high
quality film-type capacitor such as mylar or polypropylene
provides excellent performance. However, low grade
capacitors such as ceramic are suitable in many
applications.
Capacitors with very high dielectric absorption (ceramic)
can take several seconds to settle after power is first
turned on. This settling appears as clock ripple on the
output and, as the capacitor settles, the ripple gradually
disappears. If fast settling after power turn-on is
important, mylar or polypropylene is recommended.
Above 85°C, leakage, both from the holding capacitors
and the printed circuit board, becomes important. To
maintain the capabilities of the LTC1052 it may be
necessary to use Teflon™ capacitors and Teflon standoffs
when operating at 125°C (see Achieving Picoampere/
Microvolt Performance).
CEXTA and CEXTB are normally in the range of 0.1µF
to 1.0µF. All specifications are guaranteed with 0.1µF and
the broadband noise (refer to Typical Performance Char-
acteristics) is only very slightly degraded with 0.1µF.
Output clock ripple is not present for capacitors of 0.1µF
or greater at any temperature.
On competitive devices, connecting CEXTA and CEXTB to
Vcauses an increase in amplifier noise. Design changes
have eliminated this problem on the LTC1052. On the
14-pin LTC1052 and 8-pin LTC7652, the capacitors can
be returned to Vor CRETURN with no change in noise
performance.
ACHIEVING PICOAMPERE/MICROVOLT PERFORMANCE
Picoamperes
In order to realize the picoampere level of accuracy of the
LTC1052, proper care must be exercised. Leakage
currents in circuitry external to the amplifier can
significantly degrade performance. High quality insulation
should be used (e.g., Teflon, Kel-F); cleaning of all
insulating surfaces to remove fluxes and other residues
will probably be necessary—particularly for high
temperature performance. Surface coating may be
necessary to provide a moisture barrier in high humidity
environments.
Board leakage can be minimized by encircling the input
connections with a guard ring operated at a potential
close to that of the inputs: in inverting configurations, the
guard ring should be tied to ground; in noninverting
Teflon is a trademark of Dupont.


Similar Part No. - LTC1052CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052CJ LINER-LTC1052CJ Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
LTC1052CJ8 LINER-LTC1052CJ8 Datasheet
1Mb / 20P
   Chopper-Stabilized Operational Amplifier(CSOATM)
More results

Similar Description - LTC1052CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com