Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7652CPD Datasheet(PDF) 7 Page - Linear Technology

Part # ICL7652CPD
Description  Zero-Drift Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

ICL7652CPD Datasheet(HTML) 7 Page - Linear Technology

Back Button ICL7652CPD Datasheet HTML 3Page - Linear Technology ICL7652CPD Datasheet HTML 4Page - Linear Technology ICL7652CPD Datasheet HTML 5Page - Linear Technology ICL7652CPD Datasheet HTML 6Page - Linear Technology ICL7652CPD Datasheet HTML 7Page - Linear Technology ICL7652CPD Datasheet HTML 8Page - Linear Technology ICL7652CPD Datasheet HTML 9Page - Linear Technology ICL7652CPD Datasheet HTML 10Page - Linear Technology ICL7652CPD Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC1052/LTC7652
7
1052fa
power supply are also nulled. For nulling to take place, the
offset voltage, common mode voltage and power supply
must not change at a frequency which is high compared to
the frequency response of the nulling loop.
AC OPERATION AND ALIASING ERRORS
So far, the DC performance of the LTC1052 has been
explained. As the input signal frequency increases, the
problem of aliasing must be addressed. Aliasing is the
spurious formation of low and high frequency signals
caused by the mixing of the input signal with the sampling
frequency, fS. The frequency of the error signals, fE, is:
fE = fS ±fI
where fI = input signal frequency.
Normally it is the difference frequency (fS – fI ) which is of
concern because the high frequency (fS + fI) can be easily
filtered. As the input frequency approaches the sampling
frequency, the difference frequency approaches zero and
will cause DC errors—the exact problem that the zero-drift
amplifier is meant to eliminate.
The solution is simple; filter the input so the sampling loop
never sees any frequency near the sampling frequency.
At a frequency well below the sampling frequency, the
LTC1052 forces I1 to equal I2 (see Figure 1b). This makes
δ l zero, thus the gain of the sampling loop zero at this and
higher frequencies (i.e., a low pass filter). The corner
frequency of this low pass filter is set by the output stage
pole (1/RL4 gm5 RL5 C2).
THEORY OF OPERATIO
For frequencies above this pole, I2 is:
I2 = VIN gm6
and
I1 – I2 = VIN gm1 – VIN gm6
The LTC1052 is very carefully designed so that gm1 = gm6
and C1 = C2. Substituting these values in the above equa-
tion shows I1 – I2 = 0.
The gm6 input stage, with Cl and C2, not only filters the
input to the sampling loop, but also acts as a high
frequency path to give the LTC1052 good high frequency
response. The unity-gain cross frequencies for both the
DC path and high frequency path are identical
[f3dB =
thereby making the frequency response smooth and con-
tinuous while eliminating sampling noise in the output as
the loop transitions from the high gain DC loop to the high
frequency loop.
The typical curves show just how well the amplifier works.
The output spectrum shows that the difference frequency
(fI–fS = 100Hz) is down by 80dB and the frequency
response curve shows no abnormalities or perturbations.
Also note the well-behaved small and large-signal step
responses and the absence of the sampling frequency in
the output spectrum. If the dynamics of the amplifier
(i.e., slew rate and overshoot), depend on the sampling
clock, the sampling frequency will appear in the output
spectrum.
• SC1
1
SC2
C1
C2
1
(gm1/C1) =
1
(gm6/C2)]
LTC1052/7652 • TPC13
+
gm1
+
gm6
gm2
+IN
–IN
S1
S3
VREF
RL1
V–
gm4
+
+
+
S2
RL5
VOUT
RL4
CEXT A
CEXT B
VNULL
RL2
gm5
gm3
C1
C2
Figure 1a. LTC1052 Block Diagram
Auto Zero Cycle


Similar Part No. - ICL7652CPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7652CPD MAXIM-ICL7652CPD Datasheet
428Kb / 11P
   Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
More results

Similar Description - ICL7652CPD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1052 LINER-LTC1052_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
Asahi Kasei Microsystem...
AK2970H AKM-AK2970H Datasheet
424Kb / 10P
   Zero Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_16 Datasheet
762Kb / 15P
   Zero-Drift Operational Amplifier
October, 2016 ??Rev. 3
NCS333A ONSEMI-NCS333A_18 Datasheet
931Kb / 27P
   Zero-Drift Operational Amplifier
June, 2018 ??Rev. 18
NCS325 ONSEMI-NCS325 Datasheet
717Kb / 10P
   Zero-Drift Operational Amplifier
June, 2014 ??Rev. 1
logo
Linear Technology
LTC7652 LINER-LTC7652_15 Datasheet
856Kb / 24P
   Zero-Drift Operational Amplifier
logo
ON Semiconductor
NCS325 ONSEMI-NCS325_17 Datasheet
763Kb / 15P
   Zero-Drift Operational Amplifier
March, 2017 ??Rev. 5
logo
Linear Technology
LTC2051 LINER-LTC2051 Datasheet
117Kb / 4P
   Dual Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151 Datasheet
217Kb / 8P
   Dual 짹15V Zero-Drift Operational Amplifier
LTC1151 LINER-LTC1151_15 Datasheet
191Kb / 12P
   Dual 15V Zero-Drift Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com