Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX16PP-1PQ208 Datasheet(PDF) 11 Page - Actel Corporation

Part # A54SX16PP-1PQ208
Description  SX Family FPGAs
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX16PP-1PQ208 Datasheet(HTML) 11 Page - Actel Corporation

Back Button A54SX16PP-1PQ208 Datasheet HTML 7Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 8Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 9Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 10Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 11Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 12Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 13Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 14Page - Actel Corporation A54SX16PP-1PQ208 Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
SX Family FPGAs
v3.2
1-7
Programming
Device programming is supported through Silicon
Sculptor series of programmers. In particular, Silicon
Sculptor II are compact, robust, single-site and multi-site
device programmer for the PC.
With standalone software, Silicon Sculptor II allows
concurrent programming of multiple units from the
same PC, ensuring the fastest programming times
possible. Each fuse is subsequently verified by Silicon
Sculptor II to insure correct programming. In addition,
integrity
tests
ensure
that
no
extra
fuses
are
programmed. Silicon Sculptor II also provides extensive
hardware self-testing capability.
The procedure for programming an SX device using
Silicon Sculptor II are as follows:
1. Load the .AFM file
2. Select the device to be programmed
3. Begin programming
When the design is ready to go to production, Actel
offers
device
volume-programming
services
either
through
distribution
partners
or
via
in-house
programming from the factory.
For more details on programming SX devices, refer to the
Programming Antifuse Devices application note and the
Silicon Sculptor II User's Guide.
3.3 V / 5 V Operating Conditions
Figure 1-8 •
Probe Setup
SX FPGA
TDI
TCK
TDO
TMS
PRA
PRB
Serial Connection
16 Channels
Silicon
Explorer II
Table 1-3 •
Absolute Maximum Ratings1
Symbol
Parameter
Limits
Units
VCCR
2
DC Supply Voltage3
–0.3 to + 6.0
V
VCCA
2
DC Supply Voltage
–0.3 to + 4.0
V
VCCI
2
DC Supply Voltage (A54SX08, A54SX16, A54SX32)
–0.3 to + 4.0
V
VCCI
2
DC Supply Voltage (A54SX16P)
–0.3 to + 6.0
V
VI
Input Voltage
–0.5 to + 5.5
V
VO
Output Voltage
–0.5 to + 3.6
V
IIO
I/O Source Sink Current3
–30 to + 5.0
mA
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum rated conditions for extended periods may affect device reliability. Device should not be operated outside the
Recommended Operating Conditions.
2. VCCR in the A54SX16P must be greater than or equal to VCCI during power-up and power-down sequences and during normal
operation.
3. Device inputs are normally high impedance and draw extremely low current. However, when input voltage is greater than VCC +
0.5 V or less than GND – 0.5 V, the internal protection diodes will forward-bias and can draw excessive current.


Similar Part No. - A54SX16PP-1PQ208

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16PP-1PQ208 ETC1-A54SX16PP-1PQ208 Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX16PP-1PQ208I ETC1-A54SX16PP-1PQ208I Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX16PP-1PQ208M ETC1-A54SX16PP-1PQ208M Datasheet
415Kb / 57P
   54SX Family FPGAs
A54SX16PP-1PQ208PP ETC1-A54SX16PP-1PQ208PP Datasheet
415Kb / 57P
   54SX Family FPGAs
More results

Similar Description - A54SX16PP-1PQ208

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com