Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW76B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BPW76B
Description  Silicon NPN Phototransistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW76B Datasheet(HTML) 3 Page - Vishay Siliconix

  BPW76B Datasheet HTML 1Page - Vishay Siliconix BPW76B Datasheet HTML 2Page - Vishay Siliconix BPW76B Datasheet HTML 3Page - Vishay Siliconix BPW76B Datasheet HTML 4Page - Vishay Siliconix BPW76B Datasheet HTML 5Page - Vishay Siliconix BPW76B Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BPW76
Vishay Telefunken
3 (6)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81526
94 8344
0
50
100
150
Tamb – Ambient Temperature ( °C )
0
0.5
1.0
1.5
2.0
3.5
2.5
3.0
VCE=5V
Ee=1mW/cm2
l=950nm
Figure 3. Relative Collector Current vs.
Ambient Temperature
0.01
0.1
1
0.001
0.01
0.1
1
10
Ee – Irradiance ( mW / cm2 )
10
94 8345
VCE=5V
l=950nm
Figure 4. Collector Light Current vs. Irradiance
0.1
1
10
0.01
0.1
1
VCE – Collector Emitter Voltage ( V )
100
94 8346
Ee=1 mW/cm2
0.5 mW/cm2
0.2 mW/cm2
0.1 mW/cm2
0.05 mW/cm2
BPW 76 A
l=950nm
Figure 5. Collector Light Current vs.
Collector Emitter Voltage
0.1
1
10
0
4
8
12
16
20
VCE – Collector Emitter Voltage ( V )
100
94 8247
f=1MHz
Figure 6. Collector Emitter Capacitance vs.
Collector Emitter Voltage
04
8
12
16
94 8253
0
2
4
6
8
12
IC – Collector Current ( mA )
10
VCE=5V
RL=100W
l=950nm
toff
ton
Figure 7. Turn On/Turn Off Time vs. Collector Current
400
600
1000
0
0.2
0.4
0.6
0.8
1.0
l – Wavelength ( nm )
94 8348
800
Figure 8. Relative Spectral Sensitivity vs. Wavelength


Similar Part No. - BPW76B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPW76B VISHAY-BPW76B Datasheet
177Kb / 6P
   Silicon NPN Phototransistor
Rev. 1.3, 08-Mar-05
BPW76B VISHAY-BPW76B Datasheet
149Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.4, 08-Sep-08
BPW76B VISHAY-BPW76B Datasheet
141Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2022
BPW76B VISHAY-BPW76B Datasheet
142Kb / 5P
   Silicon NPN Phototransistor, RoHS Compliant
01-Jan-2023
More results

Similar Description - BPW76B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com