Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTSX32SU-1CG256E Datasheet(PDF) 11 Page - Actel Corporation

Part # RTSX32SU-1CG256E
Description  RTSX-SU RadTolerant FPGAs (UMC)
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

RTSX32SU-1CG256E Datasheet(HTML) 11 Page - Actel Corporation

Back Button RTSX32SU-1CG256E Datasheet HTML 7Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 8Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 9Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 10Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 11Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 12Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 13Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 14Page - Actel Corporation RTSX32SU-1CG256E Datasheet HTML 15Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
RTSX-SU RadTolerant FPGAs (UMC)
v2.2
1-5
Global Resources
Actel’s high-drive routing structure provides three clock
networks: hardwired clocks (HCLK), routed clocks (CLKA,
CLKB), and quadrant clocks (QCLKA, QCLKB, QCLKC,
QCLKD) (Table 1-1).
The first clock, called HCLK, is hardwired from the HCLK
buffer to the clock select MUX in each R-cell. HCLK
cannot be connected to combinational logic. This
provides a fast propagation path for the clock signal,
enabling
the
9.5 ns
clock-to-out
(pad-to-pad)
performance of the RTSX-SU devices.
The second type of clock, routed clocks (CLKA, CLKB), are
global clocks that can be sourced from either external
pins or internal logic signals within the device. CLKA and
CLKB may be connected to sequential cells (R-cells) or to
combinational logic (C-cells).
The last type of clock, quadrant clocks, are only found in
the RTSX72SU. Similar to the routed clocks, the four
quadrant clocks (QCLKA, QCLKB, QCLKC, QCLKD) can be
sourced from external pins or from internal logic signals
within the device. Each of these clocks can individually
drive up to a quarter of the chip, or they can be grouped
together to drive multiple quadrants.
Design Environment
The RTSX-SU RadTolerant family of FPGAs is fully
supported by both Actel's Libero® Integrated Design
Environment (IDE) and Designer FPGA Development
software. Actel Libero IDE is a design management
environment, seamlessly integrating design tools while
guiding the user through the design flow, managing all
design and log files, and passing necessary design data
among tools. Additionally, Libero IDE allows users to
integrate both schematic and HDL synthesis into a single
flow
and
verify
the
entire
design
in
a
single
environment. Libero IDE includes Synplify® for Actel
from Synplicity®, ViewDraw for Actel from Mentor
Graphics, ModelSim™ HDL Simulator from Mentor
Graphics®, WaveFormer Lite™ from SynaptiCAD™, and
Designer software from Actel. Refer to the Libero IDE
flow (located on Actel’s website) diagram for more
information.
Actel's Designer software is a place-and-route tool and
provides a comprehensive suite of backend support tools
for FPGA development. The Designer software includes
timing-driven
place-and-route,
and
a
world-class
integrated static timing analyzer and constraints editor.
With the Designer software, a user can select and lock
package pins while only minimally impacting the results
of place-and-route. Additionally, the back-annotation
flow is compatible with all the major simulators and the
simulation results can be cross-probed with Silicon
Explorer II, Actel’s integrated verification and logic
analysis tool. Another tool included in the Designer
software is the SmartGen core generator, which easily
creates popular and commonly used logic functions for
implementation into your schematic or HDL design.
Actel's Designer software is compatible with the most
popular FPGA design entry and verification tools from
companies
such
as
Mentor
Graphics,
Synplicity,
Synopsys®, and Cadence Design Systems. The Designer
software is available for both the Windows and UNIX
operating systems.
Programming
Programming support is provided through Actel's Silicon
Sculptor II, a single-site programmer driven via a PC-
based GUI. Factory programming is available as well.
Low-Cost Prototyping Solution
Since the enhanced radiation characteristics of radiation-
tolerant devices are not required during the prototyping
phase of the design, Actel has developed a prototyping
solution for RTSX-SU that utilizes commercial SX-A
devices. The prototyping solution consists of two parts:
A well-documented design flow that allows the
customer to target an RTSX-SU design to the
equivalent commercial SX-A device
Either footprint-compatible packages or prototyping
sockets to adapt commercial SX-A packages to the
RTSX-SU package footprints
This methodology provides the user with a cost-effective
solution while maintaining the short time-to-market
associated with Actel FPGAs. Please see the application
note Prototyping for the RTSX-S Enhanced Aerospace
FPGA for more details
Table 1-1 • RTSX-SU Global Resources
RTSX32SU
RTSX72SU
Routed Clocks (CLKA, CLKB)
2
2
Hardwired Clocks (HCLK)
1
1
Quadrant Clocks (QCLKA,
QCLKB, QCLKC, QCLKD)
04


Similar Part No. - RTSX32SU-1CG256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
More results

Similar Description - RTSX32SU-1CG256E

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
RTSX-S ACTEL-RTSX-S Datasheet
686Kb / 84P
   RTSX-S RadTolerant FPGAs
RTAX-S ACTEL-RTAX-S Datasheet
2Mb / 170P
   RTAX-S/SL RadTolerant FPGAs
RT54SX32-1CQ256B ACTEL-RT54SX32-1CQ256B Datasheet
393Kb / 46P
   SX Family FPGAs RadTolerant and HiRel
logo
Kemet Corporation
SU7VC-02120 KEMET-SU7VC-02120 Datasheet
350Kb / 4P
   SU Coils, SU 7VC Type
SU9V-R2140 KEMET-SU9V-R2140 Datasheet
367Kb / 5P
   SU Coils, SU 9V/9H Type
SU7VC-2120 KEMET-SU7VC-2120 Datasheet
362Kb / 4P
   SU Coils, SU 7VC Type
SU16VD-3040 KEMET-SU16VD-3040 Datasheet
284Kb / 4P
   SU Coils, SU 16VD High Frequency Type
SU10VD-1020 KEMET-SU10VD-1020 Datasheet
288Kb / 4P
   SU Coils, SU 10VD High Frequency Type
SU9VF-2100 KEMET-SU9VF-2100 Datasheet
306Kb / 4P
   SU Coils, SU 9VF/9HF Type
SU10VFC-R3370 KEMET-SU10VFC-R3370 Datasheet
298Kb / 4P
   SU Coils, SU 10VFC-R Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com