Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS1500-FPQ256I Datasheet(PDF) 8 Page - Actel Corporation

Part # AFS1500-FPQ256I
Description  Actel Fusion Mixed-Signal FPGAs
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AFS1500-FPQ256I Datasheet(HTML) 8 Page - Actel Corporation

Back Button AFS1500-FPQ256I Datasheet HTML 4Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 5Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 6Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 7Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 8Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 9Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 10Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 11Page - Actel Corporation AFS1500-FPQ256I Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 318 page
background image
Fusion Device Family Overview
1- 4
Prel i minary v1 .7
Advanced Architecture
The proprietary Fusion architecture provides granularity comparable to standard-cell ASICs. The
Fusion device consists of several distinct and programmable architectural features, including the
following (Figure 1-1 on page 1-5):
Embedded memories
Flash memory blocks
–FlashROM
SRAM and FIFO
Clocking resources
PLL and CCC
RC oscillator
Crystal oscillator
No-Glitch MUX (NGMUX)
Digital I/Os with advanced I/O standards
FPGA VersaTiles
Analog components
ADC
Analog I/Os supporting voltage, current, and temperature monitoring
1.5 V on-board voltage regulator
Real-time counter
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input
logic lookup table (LUT) equivalent or a D-flip-flop or latch (with or without enable) by
programming the appropriate flash switch interconnections. This versatility allows efficient use of
the FPGA fabric. The VersaTile capability is unique to the Actel families of flash-based FPGAs.
VersaTiles and larger functions are connected with any of the four levels of routing hierarchy. Flash
switches are distributed throughout the device to provide nonvolatile, reconfigurable interconnect
programming. Maximum core utilization is possible for virtually any design.
In addition, extensive on-chip programming circuitry allows for rapid (3.3 V) single-voltage
programming of Fusion devices via an IEEE 1532 JTAG interface.
Unprecedented Integration
Integrated Analog Blocks and Analog I/Os
Fusion devices offer robust and flexible analog mixed-signal capability in addition to the high-
performance flash FPGA fabric and flash memory block. The many built-in analog peripherals
include a configurable 32:1 input analog MUX, up to 10 independent MOSFET gate driver outputs,
and a configurable ADC. The ADC supports 8-, 10-, and 12-bit modes of operation with a
cumulative sample rate up to 600 k samples per second (ksps), differential nonlinearity (DNL) < 1.0
LSB, and Total Unadjusted Error (TUE) of 0.72 LSB in 10-bit mode. The TUE is used for
characterization of the conversion error and includes errors from all sources, such as offset and
linearity. Internal bandgap circuitry offers 1% voltage reference accuracy with the flexibility of
utilizing an external reference voltage. The ADC channel sampling sequence and sampling rate are
programmable and implemented in the FPGA logic using Designer and Libero IDE software tool
support.
Two channels of the 32-channel ADCMUX are dedicated. Channel 0 is connected internally to VCC
and can be used to monitor core power supply. Channel 31 is connected to an internal temperature
diode which can be used to monitor device temperature. The 30 remaining channels can be
connected to external analog signals. The exact number of I/Os available for external connection
signals is device-dependent (refer to the "Fusion Family" table on page I for details).


Similar Part No. - AFS1500-FPQ256I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS1500-FG256 MICROSEMI-AFS1500-FG256 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FG256ES MICROSEMI-AFS1500-FG256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FG256I MICROSEMI-AFS1500-FG256I Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FG256PP MICROSEMI-AFS1500-FG256PP Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FG256Y MICROSEMI-AFS1500-FG256Y Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - AFS1500-FPQ256I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com